Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5521 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5521
Description  MIXED SIGNAL MICROCONTROLLER
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5521 Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F5521 Datasheet HTML 1Page - Texas Instruments MSP430F5521 Datasheet HTML 2Page - Texas Instruments MSP430F5521 Datasheet HTML 3Page - Texas Instruments MSP430F5521 Datasheet HTML 4Page - Texas Instruments MSP430F5521 Datasheet HTML 5Page - Texas Instruments MSP430F5521 Datasheet HTML 6Page - Texas Instruments MSP430F5521 Datasheet HTML 7Page - Texas Instruments MSP430F5521 Datasheet HTML 8Page - Texas Instruments MSP430F5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 123 page
background image
MSP430F5529, MSP430F5528, MSP430F5527, MSP430F5526
MSP430F5525, MSP430F5524, MSP430F5522, MSP430F5521
MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513
www.ti.com
SLAS590L – MARCH 2009 – REVISED MAY 2013
Table 2. Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 80-PIN LQFP
PLASTIC 64-PIN VQFN
PLASTIC 64-BALL DSBGA
PLASTIC 80-BALL BGA
(PN)
(RGC)
(YFF)
(ZQE)
MSP430F5529IPN
MSP430F5528IRGC
MSP430F5528IYFF
MSP430F5528IZQE
MSP430F5527IPN
MSP430F5526IRGC
MSP430F5526IYFF
MSP430F5526IZQE
MSP430F5525IPN
MSP430F5524IRGC
MSP430F5524IYFF
MSP430F5524IZQE
–40°C to 85°C
MSP430F5521IPN
MSP430F5522IRGC
MSP430F5522IZQE
MSP430F5519IPN
MSP430F5514IRGC
MSP430F5514IZQE
MSP430F5517IPN
MSP430F5513IRGC
MSP430F5513IZQE
MSP430F5515IPN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: MSP430F5529 MSP430F5528 MSP430F5527 MSP430F5526 MSP430F5525 MSP430F5524
MSP430F5522 MSP430F5521 MSP430F5519 MSP430F5517 MSP430F5515 MSP430F5514 MSP430F5513


Similar Part No. - MSP430F5521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5521 TI-MSP430F5521 Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5521 TI1-MSP430F5521 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5521 TI1-MSP430F5521 Datasheet
2Mb / 122P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5521 TI1-MSP430F5521 Datasheet
2Mb / 123P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5521 TI1-MSP430F5521 Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com