Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90623A Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90623A
Description  16-bit Proprietary Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90623A Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90623A Datasheet HTML 1Page - Fujitsu Component Limited. MB90623A Datasheet HTML 2Page - Fujitsu Component Limited. MB90623A Datasheet HTML 3Page - Fujitsu Component Limited. MB90623A Datasheet HTML 4Page - Fujitsu Component Limited. MB90623A Datasheet HTML 5Page - Fujitsu Component Limited. MB90623A Datasheet HTML 6Page - Fujitsu Component Limited. MB90623A Datasheet HTML 7Page - Fujitsu Component Limited. MB90623A Datasheet HTML 8Page - Fujitsu Component Limited. MB90623A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
3
MB90620A Series
s PRODUCT LINEUP
MB90623A
MB90P623A
Classification
Mass production products
(Mask ROM products)
One-time model
ROM size
32 Kbytes
48 Kbytes
48 Kbytes
RAM size
1.64 Kbytes
2 Kbytes
2 Kbytes
CPU functions
Number of instructions: 340
Instruction bit length: 8 or 16 bits
Instruction length: 1 to 7 bytes
Data bit length: 1, 4, 8, 16, or 32 bits
Minimum execution time: 83.33 ns at 12 MHz (internal)
Oscillation circuit
Dual-clock system of main clock and sub clock
Ports
UART
Number of channels: 1
Clock synchronous communication (1202 to 9615 bps, full-duplex double buffering)
Clock asynchronous communication (62.5 K to 1 M bps, full-duplex double buffering)
Supports multiprocessor mode
Serial
Number of channels: 1
Internal or external clock mode
Clock synchronous transfer (62.5 kHz to 1 MHz, “LSB first” or “MSB first” transfer)
A/D converter
Resolution: 10 or 8 bits, Number of input channels: 4
Single-conversion mode (conversion for a specified input channel)
Scan conversion mode (continuous conversion for specified consecutive channels)
Continuous conversion mode (repeated conversion for a specified channel)
Stop conversion mode (periodical conversion)
Timer
Number of channels: 3
16-bit reload timer operation (operation clock: SUB/2,
φ/23, φ/25, external)
Free-run timer
Number of channels: 2
16-bit up-counter (four types of count clocks)
2 channels on each timer of the compare register (compare matching interrupt available)
PPG timer
Number of channels: 2
PWM function, single-shot function
With external trigger function
LCD controller
/driver
Common output: 4 channels, Segment output: 32 channels
Direct driving of the LCD module
16 bytes of data memory for display
Operation clock source (main clock/sub clock selective)
Standby modes
Stop mode, sleep mode, and watch mode
PLL functions
Main clock multiplication (
×1, ×2, ×3 and ×4)
Package
FPT-100P-M05
MB90622A
Max. 59 channels
I/O ports (CMOS): 17
I/O ports (CMOS) with pull-up resistor available: 24
I/O ports (open drain): 18
Parameter
Part number


Similar Part No. - MB90623A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90623A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com