Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90552BPF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90552BPF
Description  16-bit Proprietary Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90552BPF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90552BPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90552BPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MB90550A/550B Series
2
(Continued)
• Instruction set designed for high level language (C) and multi-task operations
Adoption of system stack pointer
Symmetrical instruction set and barrel shift instructions
• Integrated address match detection function (for two address pointers)
• Faster execution speed: 4-byte queue
• Powerful interrupt functions (Eight priority levels programmable)
External interrupt inputs: 8 channels
• Data transfer functions (Intelligent I/O service): Up to 16 channels
DTP request inputs: 8 channels
• Embedded ROM size (EPROM, Flash: 128 Kbytes)
Mask ROM: 64 Kbytes/128 Kbytes
• Embedded RAM size (EPROM, Flash: 4 Kbytes)
Mask ROM: 2 Kbytes/4 Kbytes
• General-purpose ports: Up to 83 channels
(Input pull-up resistor settable for: 16 channels; Open drain settable for: 8 channels; I/O open drains: 6 chan-
nels)
• A/D converter (RC successive approximation type): 8 channels
(Resolution: 8 or 10 bits selectable; Conversion time of 26.3
µs minimum)
• UART: 1 channel
• Extended I/O serial interface: 2 channels
•I2C interface: 2 channels
(Two channels, including one switchable between terminal input and output)
• 16-bit reload timer: 2 channels
• 8/16-bit PPG timer: 3 channels
(8 bits
× 2 channels; 16 bits x 1 channel: Mode switching function provided)
• 16-bit I/O timer
(Input capture
× 4 channels, output compare × 4 channels, free run timer ×1 channel)
• Clock monitor function integrated (Delivering the oscillation clock divided by 21 to 28)
• Timebase timer/watchdog timer: 18 bits
• Low power consumption modes (sleep, stop, hardware standby, and CPU intermittent operation modes)
• Package: QFP-100, LQFP-100
•CMOS technology


Similar Part No. - MB90552BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90552BPF FUJITSU-MB90552BPF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90552BPF FUJITSU-MB90552BPF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90552BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com