Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90P623PFV Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90P623PFV
Description  16-bit Proprietary Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90P623PFV Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90P623PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90P623PFV Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MB90620A Series
6
(Continued)
Pin no.
Pin name
Circuit type
Function
6P27
G
(CMOS)
General-purpose I/O port
At this pin, a pull-up resistor is added in the input mode depending
on the settings of the pull-up resistor setting register.
CKOT
Clock output pin
This function is available when clock output is enabled.
7P30
E
(CMOS/H)
General-purpose I/O port
SIN1
I/O extended serial data input pin
This pin, as required, is used for input during input operation, and it
is necessary to disable output for other functions from this pin
unless such output is made intentionally.
8P31
D
(CMOS)
General-purpose I/O port
SOT1
I/O extended serial data output pin
This function is available when serial data data output is enabled.
9VSS
Power supply
Digital circuit power supply (GND) pin
10
P32
E
(CMOS/H)
General-purpose I/O port
SCK1
I/O extended serial clock I/O pins
This function is available when clock input is enabled.
This pin, as required, is used for input during input operation, and it
is necessary to disable output for other functions from this pin
unless such output is made intentionally.
11 to 14
P33 to P36
D
(CMOS)
General-purpose I/O ports
15
P37
E
(CMOS/H)
General-purpose I/O port
TRG
PPG0 and PPG1 external trigger input pin
ATG
A/D converter trigger input pin
During A/D converter input operations, these inputs may be used at
any time; therefore, it is necessary to stop output by other functions
on these pins, except when using them for output deliberately.
16
P40
D
(CMOS)
General-purpose I/O port
This function is available when PPG timer 0 output is disabled.
PPG0
PPG timer 0 output pin
This function is available when the PPG timer 0 waveform output is
enabled.
17
P41
D
(CMOS)
General-purpose I/O port
This function is available when PPG timer 1 output is disabled.
PPG1
PPG timer 1 output pin
This function is available when the PPG timer 1 waveform output is
enabled.


Similar Part No. - MB90P623PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90P634A FUJITSU-MB90P634A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90P634APF FUJITSU-MB90P634APF Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90P634APFV FUJITSU-MB90P634APFV Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90P641A FUJITSU-MB90P641A Datasheet
1Mb / 96P
   16-bit Proprietary Microcontroller
MB90P641APF FUJITSU-MB90P641APF Datasheet
1Mb / 96P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90P623PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com