Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90641APF Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90641APF
Description  16-bit Proprietary Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90641APF Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90641APF Datasheet HTML 2Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 3Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90641APF Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
6
MB90640A Series
s PIN DESCRIPTION
(Continued)
*1: FPT-100P-M05
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
80,
81
82,
83
X0,
X1
A
Crystal oscillator pins
47 to 49
49 to 51 MD0 to MD2
E
(CMOS)
Input pins for specifying an opration mode.
Use these pins by directly connecting VCC or VSS.
75
77
RST
G
(CMOS/H)
External reset request input pin
50
52
HST
F
(CMOS/H)
Hardware standby input pin
83 to 90
85 to 92 P00 to P07
J
(TTL)
General purpose I/O ports
This applies in single-chip mode with an external data bus
in 8-bit mode.
D00 to D07
In non-multiplex mode, the I/O pins for the lower 8 bits of
the external data bus.
AD00 to AD07
In multiplexed mode, the I/O pins for the lower 8 bits of the
external address/data bus.
91 to 98
93 to 100 P10 to P17
J
(TTL)
General purpose I/O ports
This applies in non-multiplexed mode with an 8-bit external
data bus and in single-chip mode.
P08 to D15
In non-multiplexed mode with a 16-bit external data bus,
the I/O pins for the upper 8 bits of the external data bus.
AD08 to AD15
In multiplexed mode, the I/O pins for the upper 8 bits of the
external address/data bus.
99,
100,
1 to 6
1,
2,
3 to 8
P20,
P21,
P22 to P27
B
(CMOS)
General purpose I/O ports
This applies in multiplexed mode.
A00,
A01,
A02 to A07
In non-multiplexed mode, the output pins for the lower 8
bits of the external address bus.
7,
8,
10 to 15
9,
10,
12 to 17
P30,
P31,
P32 to P37
B
(CMOS)
General purpose I/O ports
This applies in multiplexed mode.
A08,
A09,
A10 to A15
In non-multiplexed mode, the output pins for the upper 8
bits of the external address bus.
16 to 20,
22 to 24
18 to 22,
24 to 26
P40 to P44,
P45 to P47
B
(CMOS)
General purpose I/O ports
This applies when the upper address control register
specifies port operation.
A16 to A20,
A21 to A23
Output pins for A16 to A23 of the external address bus
This applies when the upper address control register
specifies address operation.


Similar Part No. - MB90641APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90641APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com