Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA30F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LDA30F
Description  Rugged PCB type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LDA30F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LDA30F Datasheet HTML 1Page - List of Unclassifed Manufacturers LDA30F Datasheet HTML 2Page - List of Unclassifed Manufacturers LDA30F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
LDA30F
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
LDA30F-3
DC 110 -
370
AC 85 - 264
18
3V
6A
LDA30F-5
DC 110 -
370
AC 85 - 264
30
5V
6A
LDA30F-12
DC 110 -
370
AC 85 - 264
30
12V
2.5A
LDA30F-15
DC 110 -
370
AC 85 - 264
30
15V
2A
LDA30F-24
DC 110 -
370
AC 85 - 264
31.2
24V
1.3A
Features
Input range LDA10 - 75F (AC85 - 264V)
Input range LDA100 - 300W (AC85 - 132V/AC170 - 264V)
Autoranging input
Rugged PCB type
Built-in Inrush Current Protection
RoHS Compliant
Safety Agency Approvals
Complies with DEN-AN
UL1950, C-UL recognized, TUV approved
UL recognized, TUV approved, CSA certified (LDA10F - LDA150W)
EMI Compliance
FCC-B
CISPR22-B
EN55022-B
VCCI-B
2 year warranty(refer to Instruction Manual)


Similar Part No. - LDA30F

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDA36T8 LEIDITECH-LDA36T8 Datasheet
214Kb / 3P
   BIDIRECTIONAL TVS DIODE
More results

Similar Description - LDA30F

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F Datasheet
139Kb / 2P
   Rugged PCB type
logo
List of Unclassifed Man...
LDA150W-24 ETC2-LDA150W-24 Datasheet
203Kb / 3P
   Rugged PCB type
logo
RSG Electronic Componen...
LEB100F RSG-LEB100F Datasheet
114Kb / 2P
   Rugged PCB type
logo
List of Unclassifed Man...
LCA10S-15 ETC2-LCA10S-15 Datasheet
139Kb / 3P
   Rugged PCB type
logo
RSG Electronic Componen...
LEP100F RSG-LEP100F Datasheet
122Kb / 2P
   Rugged PCB type
LEA100F RSG-LEA100F Datasheet
140Kb / 2P
   Rugged PCB type
LEB150F RSG-LEB150F Datasheet
112Kb / 2P
   Rugged PCB type
LEP150F RSG-LEP150F Datasheet
122Kb / 2P
   Rugged PCB type
logo
MagnaChip Semiconductor...
MPMD150B120RH MGCHIP-MPMD150B120RH Datasheet
1Mb / 7P
   NPT & Rugged Type 1200V IGBT Module
MPMC200B120RH MGCHIP-MPMC200B120RH Datasheet
1Mb / 7P
   NPT & Rugged Type 1200V IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com