Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90634APF Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90634APF
Description  16-bit Proprietary Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90634APF Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90634APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 10Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 11Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 12Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 13Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
10
MB90630A Series
(Continued)
STBC: Incorporates standby control
*1: LQFP (FPT-100P-M05)
*2: QFP (FPT-100P-M06)
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
59
61
P62
E
(STBC)
General-purpose I/O port
When I/O expansion serial is operating in external shift clock
mode, the data at the pin is used as the clock input (SCK2).
Also, functions as the SCK2 pin if the SOE bit in the UMC
register is “1”. A pull-up resistor can be set (RD62 = “1”) using
the pull-up resistor setting register (RDR6). The setting does
not apply for ports set as outputs (D62 = “1”: invalid at the
output setting).
SCK2
Functions as the I/O expansion serial clock I/O pin (SCK2).
60
62
P63
D
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD63 = “1”) using the pull-up
resistor setting register (RDR6). The setting does not apply for
ports set as outputs (D63 = “1”: invalid at the output setting).
PPG00
Functions as the PPG00 output when PPG output is enabled.
61
63
P64
D
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD64 = “1”) using the pull-up
resistor setting register (RDR6). The setting does not apply for
ports set as outputs (D64 = “1”: invalid at the output setting).
PPG01
Functions as the PPG01 output when PPG output is enabled.
62
64
P65
D
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD65 = “1”) using the pull-up
resistor setting register (RDR6). The setting does not apply for
ports set as outputs (D65 = “1”: invalid at the output setting).
CKOT
Functions as the CKOT output when CKOT is operating.
63
65
P66
D
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD66 = “1”) using the pull-up
resistor setting register (RDR6). The setting does not apply for
ports set as outputs (D66 = “1”: invalid at the output setting).
PPG10
Functions as the PPG10 output when PPG output is enabled.
64
66
P67
D
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD67 = “1”) using the pull-up
resistor setting register (RDR6). The setting does not apply for
ports set as outputs (D67 = “1”: invalid at the output setting).
PPG11
Functions as the PPG11 output when PPG output is enabled.
65
67
P90
I
General-purpose I/O port
AIN0
Input to channel 0 of the 8/16-bit up/down timer.
IRQ6
Functions as an interrupt request input.
66
68
P91
I
(STBC)
General-purpose I/O port
BIN0
Input to channel 0 of the 8/16-bit up/down timer.


Similar Part No. - MB90634APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90634APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com