Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90653APFV Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90653APFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90653APFV Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90653APFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 120 page
background image
7
MB90650A Series
(Continued)
*1: FPT-100P-M05
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
11
13
P33
I
(STBC)
General-purpose I/O port
Functions as the WRH pin in 16-bit external bus mode if the
WRE bit in the ECSR register is “1”.
WRH
Functions as the upper data write strobe output (WRH).
12
14
P34
I
(STBC)
General-purpose I/O port
Functions as the HRQ pin in external bus mode if the HDE bit
in the ECSR register is “1”.
HRQ
Functions as the hold request input pin (HRQ).
13
15
P35
I
(STBC)
General-purpose I/O port
Functions as the HAK pin in external bus mode if the HDE bit in
the ECSR register is “1”.
HAK
Functions as the hold acknowledge output (HAK) pin.
14
16
P36
I
(STBC)
General-purpose I/O port
Functions as the RDY pin in external bus mode if the RYE bit in
the ECSR register is “1”.
RDY
Functions as the external ready input (RDY) pin.
15
17
P37
I
(STBC)
General-purpose I/O port
Functions as the CLK pin in external bus mode if the CKE bit in
the ECSR register is “1”.
CLK
Functions as the machine cycle clock output (CLK) pin.
16
18
P40
H
(STBC)
General-purpose I/O port
When UART0 is operating, the data at the pin is used as the
serial input (SIN0).
Can be set as an open-drain output port (OD40 = “1”) by the
open-drain control register (ODR4).
The setting does not apply for ports set as inputs (D40 = “0”:
invalid at the input setting).
SIN0
Functions as the UART0 serial input (SIN0).
17
19
P41
G
(STBC)
General-purpose I/O port
Functions as the SOT0 pin if the SOE bit in the UMC register is
“1”.
Can be set as an open-drain output port (OD41 = “1”) by the
open-drain control register (ODR4).
The setting does not apply for ports set as inputs (D41 = “0”:
invalid at the input setting).
SOT0
Functions as the UART0 serial data output pin (SOT0).


Similar Part No. - MB90653APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90653APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com