Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90653APFV Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90653APFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90653APFV Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90653APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90653APFV Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
10
MB90650A Series
(Continued)
*1: FPT-100P-M05
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
62
64
P65
E
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD65 = “1”) using the pull-up
resistor setting register (RDR6).
The setting does not apply for ports set as outputs (D65 = “1”:
invalid at the output setting).
CKOT
Functions as the CKOT output when CKOT is operating.
63
65
P66
E
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD66 = “1”) using the pull-up
resistor setting register (RDR6).
The setting does not apply for ports set as outputs (D66 = “1”:
invalid at the output setting).
PPG10
Functions as the PPG10 output when PPG output is enabled.
64
66
P67
E
(STBC)
General-purpose I/O port
A pull-up resistor can be set (RD67 = “1”) using the pull-up
resistor setting register (RDR6).
The setting does not apply for ports set as outputs (D67 = “1”:
invalid at the output setting).
PPG11
Functions as the PPG11 output when PPG output is enabled.
25
27
P70
K
(NMOS/H)
(STBC)
Open-drain type I/O port
SDA
I2C interface data I/O pin
This function is valid when I2C interface operations are
enabled.
Set port output to Hi-Z (PDR = 1) during I2C interface
operations.
26
28
P71
K
(NMOS/H)
(STBC)
Open-drain type I/O port
SCL
I2C interface clock I/O pin
This function is valid when I2C interface operations are
enabled.
Set port output to Hi-Z (PDR = 1) during I2C interface
operations.
27
29
P72
K
(STBC)
Open-drain type I/O port
30
32
P73
M
(STBC)
Open-drain type I/O port
Functions as a D/A output pin when DAE0 = “1” in the D/A
control register (DACR).
DA00
Functions as D/A output 0 when the D/A converter is operating.
31
33
P74
M
(STBC)
General-purpose I/O port
Functions as a D/A output pin when DAE1 = “1” in the D/A
control register (DACR).
DA01
Functions as D/A output 1 when the D/A converter is operating.
45
47
P80
J
General-purpose I/O port
IRQ0
Functions as external interrupt request I/O 0.


Similar Part No. - MB90653APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90653APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com