Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91107 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB91107
Description  32-bit RISC Microcontroller CMOS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91107 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB91107 Datasheet HTML 4Page - Fujitsu Component Limited. MB91107 Datasheet HTML 5Page - Fujitsu Component Limited. MB91107 Datasheet HTML 6Page - Fujitsu Component Limited. MB91107 Datasheet HTML 7Page - Fujitsu Component Limited. MB91107 Datasheet HTML 8Page - Fujitsu Component Limited. MB91107 Datasheet HTML 9Page - Fujitsu Component Limited. MB91107 Datasheet HTML 10Page - Fujitsu Component Limited. MB91107 Datasheet HTML 11Page - Fujitsu Component Limited. MB91107 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
MB91107/108
8
(Continued)
Pin no.
Pin name
Circuit
type
Function
33
SI0/PF0
F
(SI0) UART0 data input pin.
This pin is used for input during UART0 is in input operation, and it is
necessary to disable output for other functions from this pin unless such
output is made intentionally.
(PF0) General purpose I/O port.
35
SO0/PF1
F
(SO0) UART0 data output pin.
This function is available when UART0 data output is enabled.
(PF1) General purpose I/O port.
This function is available when UART0 data output is disabled.
36
SC0/PF2
F
(SC0) UART0 clock I/O pin.
Clock output is available when UART0 clock output is enabled.
(PF2) General purpose I/O port.
This function is available when UART0 clock output is disabled.
37
SI1/PF3
F
(SI1) UART1 data input pin.
This pin is used for input during UART1 is in input operation, and it is
necessary to disable output for other functions from this pin unless such
output is made intentionally.
(PF3) General purpose I/O port.
38
SO1/PF4
F
(SO1) UART1 data output pin.
This function is available when UART1 data output is enabled.
(PF4) General purpose I/O port.
This function is available when UART1 data output is disabled.
39
SC1/PF5
F
(SC1) Clock I/O pin for UART1.
Clock output is available when clock output of UART1 is enabled.
(PF5) General purpose I/O port.
This function is available when UART1 clock output is disabled.
40
SI2/PF6
F
(SI2) UART2 data input pin.
This pin is used for input during UART2 is in input operation, and it is
necessary to disable output for other functions from this pin unless such
output is made intentionally.
(PF6) General purpose I/O port.
41
SO2/PF7
F
(SO2) UART2 data output pin.
This function is available when UART2 data output is enabled.
(PF7) General purpose I/O port.
This function is available when UART2 data output is disabled.


Similar Part No. - MB91107

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101A FUJITSU-MB91101A Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APF FUJITSU-MB91101APF Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APFV FUJITSU-MB91101APFV Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
More results

Similar Description - MB91107

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91121 FUJITSU-MB91121 Datasheet
1Mb / 97P
   32-bit RISC Microcontroller CMOS
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com