Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0916 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA0916
Description  HIGH FREQUENCY PLANAR TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0916 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA0916 Datasheet HTML 1Page - Pulse A Technitrol Company PA0916 Datasheet HTML 2Page - Pulse A Technitrol Company PA0916 Datasheet HTML 3Page - Pulse A Technitrol Company PA0916 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
www.pulseeng.com
94
SPM2007 (5/10)
HIGH FREQUENCY PLANAR
TRANSFORMERS
PA09XXNL Series (up to 250W)
Single Winding
Tapped Winding
Dual Winding
Turns
1T
2T
4T
1:1
1:3
2:2
1T & 1T
DCR
(m
)
0.28
1.12
4.5
1.12
4.5
4.5
1.12
4T
5
PA0908
PA0908
PA0901
PA0908
PA0901
PA0901
PA0908
5T
7.5
PA0910
PA0910
PA0903
PA0910
PA0903
PA0903
PA0910
6T
12
PA0912
PA0912
PA0905
PA0912
PA0905
PA0905
PA0912
7T
30
PA0914
PA0914
PA0907
PA0914
PA0907
PA0907
PA0914
8T
20
PA0908
PA0908
PA0901
PA0908
PA0901
PA0901
PA0908
10T
30
PA0910
PA0910
PA0903
PA0910
PA0903
PA0903
PA0910
12T
48
PA0912
PA0912
PA0905
PA0912
PA0905
PA0905
PA0912
14T
120
PA0914
PA0914
PA0907
PA0914
PA0907
PA0907
PA0914
16T
140
PA0916
PA0916
PA0909
PA0916
PA0909
PA0909
PA0916
4T & 4T
20
PA0908
PA0908
PA0901
PA0908
PA0901
PA0901
PA0908
5T & 5T
30
PA0910
PA0910
PA0903
PA0910
PA0903
PA0903
PA0910
6T & 6T
48
PA0912
PA0912
PA0905
PA0912
PA0905
PA0905
PA0912
7T & 7T
120
PA0914
PA0914
PA0907
PA0914
PA0907
PA0907
PA0914
8T & 8T
140
PA0916
PA0916
PA0909
PA0916
PA0909
PA0909
PA0916
PA09XX Transformer Winding Configuration Matrix
The following is a matrix of the winding configurations that are
possible with the Pulse PA090X Planar Transformer Platform.
The package is typically capable of handling between 150-250W
of power depending on the application, ambient conditions and
available cooling. Once a configuration is selected, the formulae
and charts can be used to determine the approximate power
dissipation and temperature rise of the component in a given
application.
SECONDARY WINDINGS
High Efficiency Double Interleaved Designs
Single Winding
Tapped Winding
Dual Winding
Turns
1T
2T
3T
4T
7T
1:1
1:2
1:3
2:2
7:7
1T & 1T 1T & 2T 7T & 7T
DCR
(m
)
0.56
2.24
3.4
4.5
20
2.24
3.4
4.5
4.5
80
2.24
4.5
80
4T
10
PA0938 PA0938 PA0942 PA0930 PA0934 PA0938 PA0942 PA0930 PA0930 PA0934 PA0938 PA0942 PA0934
5T
15
PA0939 PA0939 PA0943 PA0931 PA0935 PA0939 PA0943 PA0931 PA0931 PA0935 PA0939 PA0943 PA0935
6T
24
PA0940 PA0940 PA0944 PA0932 PA0936 PA0940 PA0944 PA0932 PA0932 PA0936 PA0940 PA0944 PA0936
7T
60
PA0941 PA0941 PA0945 PA0933 PA0937 PA0941 PA0945 PA0933 PA0933 PA0937 PA0941 PA0945 PA0937
8T
70
PA0948 PA0948 PA0949 PA0946 PA0947 PA0948 PA0949 PA0946 PA0946 PA0947 PA0948 PA0947 PA0947
SECONDARY WINDINGS
Lower Cost Single Interleaved Designs
NOTES:
1. The base PN (ie: PA0901) uses an ungapped core. The minimum primary inductance for any configuration can be calculated as:
Primary Inductance (µH Min) = 3.4 * (Primary Turns)2
2. The above base part numbers (PA09XX) are available from stock
3. It is possible to add a small gap to the transformer. Gapped transformers are non-standard and can be made available upon request,
but are not typically available from stock. To request a gapped version of the transformer, add a suffix “G” to the base number (ie:
PA0901NLG). The nominal inductance with a gap can be calculated as: Primary Inductance (µH Nominal) = 2.2 * (Primary Turns)2


Similar Part No. - PA0916

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0916 PULSE-PA0916 Datasheet
631Kb / 4P
   High Frequency Planar Transformers
More results

Similar Description - PA0916

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
   High Frequency Planar Transformers
logo
MPS Industries, Inc.
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
logo
Pulse A Technitrol Comp...
PH08XXCNL PULSE-PH08XXCNL Datasheet
691Kb / 3P
   HIGH FREQUENCY FLAT COIL PLANAR TRANSFORMERS
logo
MPS Industries, Inc.
PP20B MPSIND-PP20B Datasheet
753Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
PP14D MPSIND-PP14D Datasheet
557Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com