Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXX65J Datasheet(PDF) 7 Page - Littelfuse

Part # SXX65J
Description  Sxx65x Sxx70x Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX65J Datasheet(HTML) 7 Page - Littelfuse

  SXX65J Datasheet HTML 1Page - Littelfuse SXX65J Datasheet HTML 2Page - Littelfuse SXX65J Datasheet HTML 3Page - Littelfuse SXX65J Datasheet HTML 4Page - Littelfuse SXX65J Datasheet HTML 5Page - Littelfuse SXX65J Datasheet HTML 6Page - Littelfuse SXX65J Datasheet HTML 7Page - Littelfuse SXX65J Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
311
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx65x & Sxx70x Series
65 / 70 Amp Standard SCRs
Dimensions – TO-218X (J Package) — Isolated Mounting Tab Common with Center Lead
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.256
0.264
6.50
6.71
L
0.220
0.228
5.58
5.79
M
0.080
0.088
2.03
2.24
N
0.169
0.177
4.29
4.49
P
0.034
0.042
0.86
1.07
R
0.113
0.121
2.87
3.07
S
0.086
0.096
2.18
2.44
T
0.156
0.166
3.96
4.22
U
0.164
0.165
4.10
4.20
V
0.603
0.618
15.31
15.70
W
0.000
0.005
0.00
0.13
X
0.003
0.012
0.07
0.30
Y
0.028
0.032
0.71
0.81
Z
0.085
0.095
2.17
2.42
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx65K
X
X
X
X
50mA
Standard SCR
TO-218AC
Sxx65J
X
X
X
50mA
Standard SCR
TO-218X
Sxx70W
X
X
X
50mA
Standard SCR
TO-218X
Note: xx = Voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx65KTP
Sxx65K
4.40g
Tube
250 (25 per tube)
Sxx65JTP
Sxx65J
5.23g
Tube
250 (25 per tube)
Sxx70WTP
Sxx70W
5.23g
Tube
250 (25 per tube)
Note: xx = Voltage
G
R
Y
H
D
C
K
B
A
E
F
N
T
M
P
J
L
S
V
U (diameter)
W
X
CATHODE
Tc
Measurement
Point
GATE
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Z
ANODE


Similar Part No. - SXX65J

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX65J LITTELFUSE-SXX65J Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX65JTP LITTELFUSE-SXX65JTP Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
More results

Similar Description - SXX65J

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com