Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91108PFV Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB91108PFV
Description  32-bit RISC Microcontroller CMOS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91108PFV Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB91108PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB91108PFV Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
MB91107/108
6
(Continued)
Pin no.
Pin name
Circuit
type
Function
80
BGRNT/P81
F
External bus release acknowledge output.
Outputs “L” level when external bus is released.
Can be configured as a port when this pin is not used.
81
BRQ/P82
P
External bus release request input.
Inputs “1” when release of external bus is required.
Can be configured as a port when this pin is not used.
82
RD
M
Read strobe output pin for external bus.
83
WR0
M
Write strobe output pin for external bus. Relation between control signals
and effective byte locations is as follows:
Note: WR1 is Hi-Z during resetting. Attach an external pull-up resister
when using at 16-bit bus width.
84
WR1/P85
F
65
CS0
M
Chip select 0 output (“L” active).
66
67
68
69
70
CS1/PA1
CS2/PA2
CS3/PA3
CS4/PA4
CS5/PA5
F
Chip select 1 output (“L” active).
Chip select 2 output (“L” active).
Chip select 3 output (“L” active).
Chip select 4 output (“L” active).
Chip select 5 output (“L” active).
Can be configured as ports when PA1 to PA5 are not used.
71
CLK/PA6
F
System clock output.
Outputs clock signal of external bus operating frequency.
Can be configured as a port when PA6 is not used.
56
57
58
59
60
61
62
63
RAS0/PB0
CS0L/PB1
CS0H/PB2
DW0/PB3
RAS1/PB4
CS1L/PB5
CS1H/PB6
DW1/PB7
F
RAS output for DRAM bank 0.
CASL output for DRAM bank 0.
CASH output for DRAM bank 0.
WE output for DRAM bank 0 (“L” active).
RAS output for DRAM bank 1.
CASL output for DRAM bank 1.
CASH output for DRAM bank 1.
WE output for DRAM bank 1 (“L” active)
Can be configured as a port when PB0 to PB7 are not used.
76
77
78
MD0
MD1
MD2
G
Mode pins 0 to 2.
MCU basic operation mode is set by these pins.
Directly connect these pins with VCC or VSS for use.
53
54
X1
X0
A
Clock (oscillator) output.
Clock (oscillator) input.
74
RST
B
External reset input.
73
HST
H
Hardware standby input (“L” active).
16-bit bus width
8-bit bus width
D31 to
D24
WR0
WR0
D23 to
D16
WR1
(I/O port enabled)
Refer to the
DRAM interface
for details.


Similar Part No. - MB91108PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101A FUJITSU-MB91101A Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APF FUJITSU-MB91101APF Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APFV FUJITSU-MB91101APFV Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
More results

Similar Description - MB91108PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91121 FUJITSU-MB91121 Datasheet
1Mb / 97P
   32-bit RISC Microcontroller CMOS
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com