Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-3012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SF-3012
Description  3/8 Square Drive Sockets, SAE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SF-3012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SF-3012 Datasheet HTML 1Page - List of Unclassifed Manufacturers SF-3012 Datasheet HTML 2Page - List of Unclassifed Manufacturers SF-3012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
41
3/8” Square Drive Sockets, SAE
A
B
C
D
inches
A
B
C
D
inches
A
B
C
D
inches
Part Number
Hex
Overall
Diameter
Diameter
Opening
Fixed
Opening
Length
Nose End
Drive End
Depth
Magnet
In.
(A)
(B)
(C)
(D)
M-3108
1/4
1 1/4
7/16
3/4
5/32
M-3109
9/32
1 1/4
7/16
3/4
3/16
M-3110
5/16
1 1/4
1/2
3/4
3/16
M-3012
3/8
7/8
19/32
3/4
3/16
M-3112
3/8
1 1/4
19/32
3/4
1/4
M-3014
7/16
7/8
11/16
3/4
9/32
M-3114
7/16
1 1/2
11/16
3/4
9/32
MSW-604
7/16
1 1/2
21/32
3/4
9/32
M-3016
1/2
7/8
13/16
13/16
5/16
M-3116
1/2
1 1/2
13/16
13/16
11/32
MHC-3816
1/2
1 1/2
11/16
11/16
11/32
M-3018
9/16
7/8
7/8
7/8
5/16
M-3118
9/16
1 1/2
7/8
7/8
7/16
MSW-343
9/16
1 1/2
3/4
3/4
7/16
M-3120
5/8
1 1/2
15/16
15/16
7/16
Magnetic,
Short and
Standard Length
Part Number
Hex
Overall
Diameter
Diameter
Opening
Fixed
Opening
Length
Nose End
Drive End
Depth
Magnet
In.
(A)
(B)
(C)
(D)
M-3408
1/4
1 1/4
7/16
3/4
5/32
M-3410
5/16
1 1/4
1/2
3/4
3/16
OSM-3410*
5/16
1 1/4
7/16
19/32
3/16
M-3411
11/32
1 1/4
1/2
3/4
3/16
M-3412
3/8
1 1/2
19/32
3/4
1/4
M-3414
7/16
1 1/2
5/8
3/4
9/32
OSM-3414*
7/16
1 1/2
5/8
5/8
9/32
M-3416
1/2
1 1/2
3/4
3/4
11/32
M-3418
9/16
1 1/2
25/32
13/16
7/16
M-3424
3/4
1 1/2
1
1
15/32
M-3426
13/16
1 1/2
1 1/8
1 1/8
17/32
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Fixed
Magnetic Bolt Opening
Length
Nose End
Drive End
Depth
Magnet
Clearance
In.
(A)
(B)
(C)
(D)
-
MB-32105/16
2
1/2
3/4
3/16
M-3212MB-3212
3/8
2
19/32
3/4
1/4
M-3214
MB-32147/16
2
11/16
3/4
9/32
-
MB-33147/16
3 1/2
11/16
3/4
9/32
M-3216MB-3216
1/2
2
13/16
13/16
11/32
M-3218
MB-32189/16
2
7/8
7/8
7/16
-
MB-3318
9/16
3 1/2
7/8
7/8
7/16
-
MB-3220
5/8
2
15/16
15/16
7/16
Magnetic, Long Length
& Extra
Long Length
Magnetic, Thin Wall,
Standard
Length
*No ring groove.
A
B
C
D
inches
A
B
C
D
inches
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Fixed
Magnetic Bolt Opening
Length
Nose End
Drive End
Depth
Magnet
Clearance
In.
(A)
(B)
(C)
(D)
-
MB-3512
3/8
2
19/32
3/4
1/4
M-3514
MB-3514
7/16
2
5/8
3/4
9/32
-
MB-3516
1/2
2
3/4
3/4
11/32
Magnetic,
Thin Wall,
Long Length
Part No.
Part
Hex
Overall
Diameter
Diameter
Opening
Surface
Number
Opening
Length
Nose End
Drive End
Depth
Drive
Fast Lead
In.
(A)
(B)
(C)
(D)
SF-3010
-
5/16
7/8
1/2
3/4
3/16
SF-3110
FL-3110
5/16
1 1/4
1/2
3/4
3/16
SF-3012
FL-3012
3/8
7/8
19/32
3/4
3/16
SF-3112
FL-3112
3/8
1 1/4
19/32
3/4
1/4
SF-3014
FL-3014
7/16
7/8
11/16
3/4
9/32
SF-3114
FL-3114
7/16
1 1/2
11/16
3/4
9/32
SF-3016
FL-3016
1/2
7/8
13/16
13/16
5/16
SF-3116
FL-3116
1/2
1 1/2
13/16
13/16
11/32
SF-HC-3816
-
1/2
1 1/2
11/16
11/16
11/32
SF-3018
FL-3018
9/16
7/8
7/8
7/8
5/16
SF-3118
FL-3118
9/16
1 1/2
7/8
7/8
7/16
SF-3120
FL-3120
5/8
1 1/2
15/16
15/16
7/16
-
FL-3022
11/16
1
15/16
15/16
7/16
-
FL-3122
11/16
1 1/2
1
1
7/16
-
FL-3024
3/4
1
1 1/16
1 1/16
7/16
-
FL-3124
3/4
1 1/2
1 1/16
1 1/16
15/32
Surface Drive
& Fast Lead,
Short and
Standard Length
A
B
C
D
inches
Surface Drive
& Fast Lead,
Thin Wall,
Standard Length
Part No.
Part
Hex
Overall
Diameter
Diameter
Opening
Surface
Number
Opening
Length
Nose End
Drive End
Depth
Drive
Fast Lead
In.
(A)
(B)
(C)
(D)
SF-3412
FL-3412
3/8
1 1/2
19/32
3/4
1/4
SF-3414
FL-3414
7/16
1 1/2
5/8
3/4
9/32
SF-3416
-
1/2
1 1/2
3/4
3/4
11/32
SF-3418
-
9/16
1 1/2
25/32
13/16
7/16
SF-3432
-
1
1 1/2
1 3/8
1 3/8
5/8
Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items.


Similar Part No. - SF-3012

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-35M50 MINI-SF-35M50 Datasheet
152Kb / 1P
   flat response
logo
Bourns Electronic Solut...
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
   SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
SF-3812F1000T-2 BOURNS-SF-3812F1000T-2 Datasheet
264Kb / 6P
   SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
SF-3812F1500T-2 BOURNS-SF-3812F1500T-2 Datasheet
264Kb / 6P
   SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
SF-3812F2000T-2 BOURNS-SF-3812F2000T-2 Datasheet
264Kb / 6P
   SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
More results

Similar Description - SF-3012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
TG70 GLENAIR-TG70 Datasheet
168Kb / 1P
   Connector Strap Wrench with 3/8" Square Drive
logo
List of Unclassifed Man...
ST11-PC ETC2-ST11-PC Datasheet
79Kb / 1P
   8 and 11 Pin Square Base Sockets, DIN Rail Mountable
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
   3/8??Square Trimming Potentiometer
3386 BOURNS-3386_06 Datasheet
317Kb / 3P
   3/8 Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF Datasheet
131Kb / 1P
   3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
RJ24 BOURNS-RJ24 Datasheet
169Kb / 1P
   3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
   3/8 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
   3/8 Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com