Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB911V110CR Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB911V110CR
Description  32-Bit RISC Microcontroller
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB911V110CR Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB911V110CR Datasheet HTML 6Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 7Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 8Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 9Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 10Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 11Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 12Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 13Page - Fujitsu Component Limited. MB911V110CR Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
MB91110 Series
10
(Continued)
Pin no.
Pin name
I/O*
Circuit type
Function
129
DEOP2/PH2
I/O
C
[DEOP2] This is the DMA transfer end signal output (ch 2) .
This function is effective if the transfer end signal output
specification of DMAC is permitted.
[PH2] This is a multi-purpose input/output port. This function
is effective if the transfer end signal output specification of
DMAC is prohibited.
130
SI/PH3
I/O
H
[SI] This is UART data input. This input is always used while
UART inputs, so outputs from other functions should be
stopped except when carried out intentionally.
[PH3] This is a general-purpose input/output port.
131
SO/PH4
I/O
C
[SO] This is UART data output. This function is effective
when UART data output specification is permitted.
[PH4] This is a general-purpose input/output port. This func-
tion is effective when UART data output specification is pro-
hibited.
132
SCK/PH5
I/O
H
[SCK] This is UART clock input/output. Clock output is effec-
tive when UART clock output specification is permitted.
[PH5] This is a general-purpose input/output port. This func-
tion is effective when UART clock output specification is pro-
hibited.
133
TI0/PH6
I/O
H
[TI0] This is reload timer 0 input. It is always used when re-
load timer input is permitted, so outputs from other functions
should be stopped except when carried out intentionally.
[PH6] This is a general-purpose input/output port.
134
TO0/PH7
I/O
C
[TO0] This is reload timer 0 Output. This function is effective
when reload timer specification is permitted.
[PH7] This is a general-purpose input/output port. This func-
tion is effective when reload timer specification is prohibited.
136
TI1/PI0
I/O
H
[TI1] This is reload timer 1 input. It is always used when re-
load timer input is permitted, so outputs from other functions
should be stopped except when carried out intentionally.
[PI0] This is a general-purpose input/output port.
137
TO1/PI1
I/O
C
[T01] This is the reload timer 1 output. This function is effec-
tive if the output specification of the reload timer is permitted.
[PI1] This is a multi-purpose input/output port. This function
is effective if the output specification of the reload timer is
prohibited.


Similar Part No. - MB911V110CR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101A FUJITSU-MB91101A Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APF FUJITSU-MB91101APF Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91101APFV FUJITSU-MB91101APFV Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
More results

Similar Description - MB911V110CR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com