Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3112 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3112
Description  3/8 Square Drive Sockets, SAE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3112 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3112 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3112 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3112 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
42
Surface Drive,
Thin Wall,
Long Length
Part No.
Part
Hex
Overall
Diameter
Diameter
Opening
Surface
Number
Opening
Length
Nose End
Drive End
Depth
Drive
Fast Lead
In.
(A)
(B)
(C)
(D)
-
FL-32105/16
2
1/2
3/4
3/16
SF-3212
FL-3212
3/8
2
19/32
3/4
1/4
-
FL-3312
3/8
3 1/2
19/32
3/4
1/4
SF-3214
FL-32147/16
2
11/16
3/4
9/32
SF-3314
FL-3314
7/16
3 1/2
11/16
3/4
9/32
SF-3216
FL-3216
1/2
2
13/16
13/16
11/32
SF-3316
FL-3316
1/2
3 1/2
13/16
13/16
11/32
SF-3218
FL-3218
9/16
2
7/8
7/8
7/16
SF-3318
FL-3318
9/16
3 1/2
7/8
7/8
7/16
-
FL-3220
5/8
2
15/16
15/16
7/16
SF-3320
FL-3320
5/8
3 1/2
15/16
15/16
7/16
SF-3224
-
3/4
2
1 1/16
1 1/16
15/32
SF-3324
FL-3324
3/4
3 1/2
1 1/16
1 1/16
15/32
-
FL-3326
13/16
3 1/2
1 1/4
1 1/4
17/32
3/8” Sq. Dr. Sockets,
SAE
*No ring groove.
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Fixed
Bolt
Opening
Length
Nose End
Drive End
Depth
Magnet
Clearance
In.
(A)
(B)
(C)
(D)
-
M3E08
1/4
1 1/4
7/16
3/4
5/32
3E10
M3E10
5/16
1 1/4
1/2
3/4
3/16
3E11
-
11/32
1 1/4
1/2
3/4
3/16
3E12
M3E12
3/8
1 1/4
19/32
3/4
1/4
3E14
M3E14
7/16
1 1/4
11/16
3/4
9/32
3E16
M3E16
1/2
1 1/2
13/16
13/16
11/32
-
M3E18
9/16
1 1/2
7/8
7/8
7/16
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Fixed
Bolt
Opening
Length
Nose End
Drive End
Depth
Magnet
Clearance
In.
(A)
(B)
(C)
(D)
-
M3P06
3/16
1 1/4
5/16
3/4
3/32
-
M3P07
7/32
1 1/4
3/8
3/4
5/32
-
M3P08
1/4
1 1/4
7/16
3/4
5/32
3P10
M3P10
5/16
1 1/4
1/2
3/4
3/16
3P12
M3P12
3/8
1 1/4
5/8
3/4
1/4
3P14
M3P14
7/16
1 1/4
11/16
3/4
9/32
3P16
M3P16
1/2
1 1/2
13/16
13/16
11/32
-
M3P18
9/16
1 1/2
7/8
7/8
7/16
*Sockets for predrilled holes are intermediate hardness; sockets for self-tapping
screws are maximum hardness.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Surface
Opening
Length
Nose End
Drive End
Depth
Drive
In.
(A)
(B)
(C)
(D)
SF-3512
3/8
2
19/32
3/4
1/4
OSSF-3512*
3/8
2
19/32
19/32
1/4
SF-3514
7/16
2
5/8
3/4
9/32
OSSF-3514*
7/16
2
5/8
5/8
9/32
SF-3516
1/2
2
3/4
3/4
11/32
SF-3518
9/16
2
25/32
13/16
7/16
A
B
C
D
inches
A
B
C
D
inches
A
B
C
D
inches
A
B
C
D
inches
Surface Drive
& Fast Lead,
Long and Extra
Long Length
3/8”Sq. Dr. Sockets
For SAE Square Nuts
6 Point & 6 Point
Magnetic, For
Self-Tapping
Screws*
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Single
Double
Opening
Length
Nose End
Drive End
Depth
Square
Square
In.
(A)
(B)
(C)
(D)
3607
-
7/32
1 1/2
7/16
3/4
3/16
3608
-
1/4
1 1/2
1/2
3/4
3/16
3609
3609-D
9/32
1 1/2
9/16
3/4
3/16
3610
3610-D
5/16
1 1/2
5/8
3/4
1/4
3612
3612-D
3/8
1 1/2
3/4
3/4
1/4
3614
3614-D
7/16
1 1/2
7/8
7/8
9/32
3616
3616-D
1/2
1 1/2
1
1
11/32
3618
3618-D
9/16
1 1/2
1
1
7/16
3620
-
5/8
1 1/2
1 1/8
1 1/8
7/16
3624
-
3/4
1 1/2
1 3/8
1 3/8
15/32
A
B
C
D
inches
Single Square &
Double Square
6 Point & 6 Point
Magnetic, For
Predrilled Holes*
3/8” Sq. Dr.
Sockets For SAE
Sheet Metal Screws
Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items.


Similar Part No. - 3112

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3112 FRONTIER-3112 Datasheet
96Kb / 1P
   Common Mode Line Filters
logo
List of Unclassifed Man...
3112 ETC2-3112 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3112 KR-3112 Datasheet
57Kb / 3P
   300 MHz Bandpass Filter
logo
List of Unclassifed Man...
3112 ETC2-3112 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3112 HEYCO-3112 Datasheet
120Kb / 1P
   Thick Panel Snap Bushings
More results

Similar Description - 3112

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
TG70 GLENAIR-TG70 Datasheet
168Kb / 1P
   Connector Strap Wrench with 3/8" Square Drive
logo
List of Unclassifed Man...
ST11-PC ETC2-ST11-PC Datasheet
79Kb / 1P
   8 and 11 Pin Square Base Sockets, DIN Rail Mountable
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
   3/8??Square Trimming Potentiometer
3386 BOURNS-3386_06 Datasheet
317Kb / 3P
   3/8 Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF Datasheet
131Kb / 1P
   3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
   3/8 Square Trimming Potentiometer
RJ24 BOURNS-RJ24 Datasheet
169Kb / 1P
   3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
   3/8 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
   3/8 Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com