Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F109PF Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB91F109PF
Description  32-bit RISC Microcontroller
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F109PF Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB91F109PF Datasheet HTML 6Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 7Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 8Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 9Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 10Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 11Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 12Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 13Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
MB91F109
10
*1: FPT-100P-M05
(Continued)
*2: FPT-100P-M06
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
84
87
DACK1
E
External transfer request acknowledge output pin for DMAC
(ch. 1)
This function is available when transfer request output for
DMAC is enabled.
PE7
Can be configured as general purpose I/O port when DACK1 is
not used.
This function is available when transfer request output for
DMAC or DACK1 output is disabled.
76
79
SI0
E
UART0 data input pin
This pin is used for input during UART0 is in input operation,
and it is necessary to disable output for other functions from
this pin unless such output is made intentionally.
TRG0
PWM timer external trigger input pin (ch.0)
This pin is used for input during PWM timer external trigger is
in input operation, and it is necessary to disable output for
other functions from this pin unless such output is made
intentionally.
PF0
Can be configured as general purpose I/O port when SI0 and
TRG0 are not used.
77
80
SO0
E
UART0 data output pin
This function is available when UART0 data output is enabled.
TRG1
PWM timer external trigger input pin
This function is available when serial data output of PF1,
UART0 are disabled.
PF1
Can be configured as general purpose I/O port when SO0 and
TRG1 are not used.
This function is available when serial data output of UART0 is
disabled.
78
81
SC0
E
UART0 clock I/O pin
Clock output is available when UART0 clock output is enabled.
OCPA3
PWM timer output pin
This function is available when PWM timer output is enabled.
PF2
Can be configured as general purpose I/O port when SC0 and
OCPA3 are not used.
This function is available when UART0 clock output is disabled.
79
82
SI1
E
UART1 data input pin
This pin is used for input during UART1 is in input operation,
and it is necessary to disable output for other functions from
this pin unless such output is made intentionally.
TRG2
PWM timer external trigger input pin
This pin is used for input during PWM timer external trigger is
in input operation, and it is necessary to disable output for
other functions from this pin unless such output is made
intentionally.
PF3
Can be configured as general purpose I/O port when SI1 and
TRG2 are not used.


Similar Part No. - MB91F109PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F127 FUJITSU-MB91F127 Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F127PFV FUJITSU-MB91F127PFV Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F128 FUJITSU-MB91F128 Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F128PFV FUJITSU-MB91F128PFV Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F133PBT FUJITSU-MB91F133PBT Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
More results

Similar Description - MB91F109PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com