Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F109PF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB91F109PF
Description  32-bit RISC Microcontroller
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F109PF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB91F109PF Datasheet HTML 1Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 2Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 3Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 4Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 5Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 6Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 7Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 8Page - Fujitsu Component Limited. MB91F109PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 117 page
background image
MB91F109
2
(Continued)
• Internal multiplier/supported at instruction level
Signed 32-bit multiplication: 5 cycles
Signed 16-bit multiplication: 3 cycles
• Interrupt (push PC and PS): 6 cycles, 16 priority levels
External bus interface
• Without Clock doubler: Maximum internal bus 25 MHz, maximum external bus 25 MHz operation
• 25-bit address bus (32 Mbytes memory space)
• 8/16-bit data bus
• Basic external bus cycle: 2 clock cycles
• Chip select outputs for setting down to a minimum memory block size of 64 Kbytes: 6
• Interface supported for various memory technologies
DRAM interface (area 4 and 5)
• Automatic wait cycle insertion: Flexible setting, from 0 to 7 for each area
• Unused data/address pins can be configured us input/output ports
• Little endian mode supported (Select 1 area from area 1 to 5)
DRAM interface
• 2 banks independent control (area 4 and 5)
• Normal mode (double CAS DRAM)/high-speed page mode (single CAS DRAM)/Hyper DRAM
• Basic bus cycle: Normally 5 cycles, 2-cycle access possible in high-speed page mode
• Programmable waveform: Automatic 1-cycle wait insertion to RAS and CAS cycles
•DRAM refresh
CBR refresh (interval time configurable by 6-bit timer)
Self-refresh mode
• Supports 8/9/10/12-bit column address width
• 2CAS/1WE, 2WE/1CAS selective
DMA controller (DMAC)
• 8 channels
• Transfer incident/external pins/internal resource interrupt requests
• Transfer sequence: Step transfer/block transfer/burst transfer/continuous transfer
• Transfer data length: 8 bits/16 bits/32 bits selective
• NMI/interrupt request enables temporary stop operation
UART
• 3 independent channels
• Full-duplex double buffer
• Data length: 7 bits to 9 bits (non-parity), 6 bits to 8 bits (parity)
• Asynchronous (start-stop system), CLK-synchronized communication selective
• Multi-processor mode
• Internal 16-bit timer (U-TIMER) operating as a proprietary baud rate generator: Generates any given baud rate
• Use external clock can be used as a transfer clock
• Error detection: Parity, frame, overrun
10-bit A/D converter (successive approximation conversion type)
• 10-bit resolution, 4 channels
• Successive approximation type: Conversion time of 5.6
µs at 25 MHz
• Internal sample and hold circuit
• Conversion mode: Single conversion/scanning conversion/repeated conversion/stop conversion selective
• Start: Software/external trigger/internal timer selective


Similar Part No. - MB91F109PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F127 FUJITSU-MB91F127 Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F127PFV FUJITSU-MB91F127PFV Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F128 FUJITSU-MB91F128 Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F128PFV FUJITSU-MB91F128PFV Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F133PBT FUJITSU-MB91F133PBT Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
More results

Similar Description - MB91F109PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com