Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD2440-012 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # SMD2440-012
Description  Ceramic Discrete Surface Mount Emitters and Detectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SMD2440-012 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  SMD2440-012 Datasheet HTML 1Page - Honeywell Accelerometers SMD2440-012 Datasheet HTML 2Page - Honeywell Accelerometers SMD2440-012 Datasheet HTML 3Page - Honeywell Accelerometers SMD2440-012 Datasheet HTML 4Page - Honeywell Accelerometers SMD2440-012 Datasheet HTML 5Page - Honeywell Accelerometers SMD2440-012 Datasheet HTML 6Page - Honeywell Accelerometers SMD2440-012 Datasheet HTML 7Page - Honeywell Accelerometers SMD2440-012 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Infrared Components
Ceramic Discrete Surface Mount
SME/SMD Series
2 Honeywell
• Sensing and Control
For application help: call 1-800-537-6945
SME2470 SERIES IRED ABSOLUTE MAXIMUM RATINGS
Power dissipation @ 25 °C*
150 mW
Continuous forward current
75 mA (mounted on a PC board)
Reverse voltage (I
F = 10 µA)
3 V
Operating free air temperature range
-55° to +125°C (-67° to +257°F)
Storage temperature
-65° to +150°C (-85° to +302°F)
Soldering temperature
260°C (500°F), 5 seconds max.
*Derate 1.43 mW/°C above 25°C ambient.
CAUTION
STRESS DAMAGE
Functional operation of the device at
or above “Absolute Maximum Ratings”
for extended periods of time may
affect reliability.
Failure to comply with these
instructions may result in product
damage.
SME2470 SERIES IRED ELECTRICAL CHARACTERISTICS (at 25°C unless otherwise noted)
Parameter
Test Conditions
Sym.
Min.
Typ.
Max.
Units
Irradiance
Measured into 0.104 in. (2.64 mm) dia.
aperture @ 0.535 in. (13.59 mm) from
lens tip. I
F = 50 mA
H
0.6
mW/cm
2
Forward voltage
I
F = 50 mA
V
F
1.5
1.8
Volts
Reverse breakdown voltage
I
R= 10 µA
BV
R
3.0
Volts
Peak output wavelength
I
F = 50 mA
λ
880
nm
Spectral bandwidth
I
F = 50 mA
80
nm
Rise time
Fall time
10 µsec pulse width
t
R
t
F
800
700
ns
ns
TYPICAL IRED PERFORMANCE CHARACTERISTICS
SME2470 Spectral Bandwidth
100%
80%
60%
40%
20%
0%
760
800
840
880
920
960
1000
Wavelength - nm
SME2470 Irradiance vs Angular Displacement
100%
80%
60%
40%
20%
0%
-30
-20
-10
0
10
20
30
Angular Displacement - Degrees


Similar Part No. - SMD2440-012

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SMD2440 HONEYWELL-ACC-SMD2440 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - SMD2440-012

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
   Matched Pairs of Emitters and Detectors
Rev. 1.4, 04-Sep-06
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
logo
List of Unclassifed Man...
MLX90247 ETC2-MLX90247_07 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
MLX90247 ETC2-MLX90247_04 Datasheet
231Kb / 10P
   Discrete Infrared Thermopile Detectors
logo
Melexis Microelectronic...
MLX90247 MELEXIS-MLX90247 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
logo
List of Unclassifed Man...
MLX90247 ETC1-MLX90247 Datasheet
168Kb / 11P
   Discrete Infrared Thermopile Detectors
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Lumileds Lighting Compa...
WP23 LUMILEDS-WP23 Datasheet
929Kb / 10P
   of LED Emitters and LED Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com