Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90654APF Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90654APF
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90654APF Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90654APF Datasheet HTML 1Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 2Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 3Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90654APF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
3
MB90650A Series
s PRODUCT LINEUP
Notes: • MB90V650A device is assured only when operate with the tools, under the condition of power supply
voltage: 2.7 V to 3.3 V, operating temparature: 0
°C to 70°C and operating frequency: 1.5 MHz to 8MHz
• For more information about each package, see seciton “PACKAGE DIMENSIONS”.
MB90652A
MB90P653A
MB90V650A
MB90654A
MB90F654A
Classification
Mask ROM product
OTPROM product
For evaluation
Mask ROM
product
FLASH product
ROM size
64 Kbytes
128 Kbytes
256 Kbytes
RAM size
3 Kbytes
5 Kbytes
8 Kbytes
Power supply
voltage
2.2 V to 3.6 V
2.7 V to 5.5 V
2.2 V to 3.6 V
2.4 V to 3.6 V
CPU functions
The number of instructions:
340
Instruction bit length:
8/16 bits
Instruction length:
1 to 7 bytes
Data bit length:
1/4/8/16/32 bits
Minimum execution time:
62.5 ns/4 MHz (PLL multiplier = 4)
Interrupt processing time:
1.0
µs/16 MHz (minimum)
Ports
I/O ports (N-channel open-drain):
4
I/O ports (CMOS):
75 (Input pull-up resistors available: 24/
Can be set as N-channel open-drain: 8)
Total:
79
A/D converter
Analog inputs : 8 channels
10-bit resolution
Conversion time : minimum
6.13
µs/16 MHz
Analog inputs: 8 channels
10-bit resolution
Conversion time : minimum 12.25
µs/8 MHz
Analog inputs : 8 channels
10-bit resolution
Conversion time : minimum
6.13
µs/16 MHz
D/A converter
2 channels (independent),
8-bit resolution, R-2R type
8/16-bit up/down
counter/timer
16 bits
× 1 channel/8 bits × 2 channels selectable
Includes reload and compare functions.
I2C interface
1 channel
Master mode/slave mode available
UART
1 channel
Clock synchronous communication
Clock asynchronous communication
I/O extended serial
interface
8 bits
× 2 channels
LSB-first or MSB-first operation selecable
8/16-bit PPG
8 bits
× 2 channels/16 bits × 1 channel selectable
16-bit I/O timer
1 channel
(Input capture
× 2 channels, output compare × 4 channels, and free-run timer × 1 channel)
DTP/external
interrupt
8 inputs
Timer functions
Timebase timer (18-bit)/watchdog timer (18-bit)/watch timer (15-bit)
DTMF generator
Supports every ITU-T (CCITT) tone for output (Internal 16 MHz shall be used for
DTMF generator).
Low-power
consumption modes
CPU intermittent operation mode, sub clock mode, stop mode, sleep mode,
watch mode, pseudo-watch mode
PLL function
Selectable multiplier: 1/2/3/4
(Set a multiplier that does not exceed the assured operation frequency range.)
Other
VPP is shared with
the MD2 pin
(for EPROM
programming)
Package
FPT-100P-M05, FPT-100P-M06
PGA-256C-A02
FPT-100P-M05, FPT-100P-M06
MB90653A
Item
Part number


Similar Part No. - MB90654APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90654APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com