Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F133PBT Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB91F133PBT
Description  32-Bit RISC Microcontroller
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F133PBT Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB91F133PBT Datasheet HTML 7Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 8Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 9Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 10Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 11Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 12Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 13Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 14Page - Fujitsu Component Limited. MB91F133PBT Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
MB91133/MB91F133
11
s PIN DESCRIPTIONS
(Continued)
Pin No.
Pin name
Circuit
type
Function
1
2
3
4
5
6
7
8
D16/P20
D17/P21
D18/P22
D19/P23
D20/P24
D21/P25
D22/P26
D23/P27
C
External data bus bits 16 to 23
Only valid for external bus 16-bit mode. Can be used as ports in
single-chip and external bus 8-bit modes.
10
11
12
13
14
15
16
17
D24/P30
D25/P31
D26/P32
D27/P33
D28P34
D29/P35
D30/P36
D31/P37
C
External data bus bits 24 to 31
Can be used as ports in single-chip mode.
18
19
20
21
22
23
24
25
28
29
30
31
32
33
34
35
A00/P40
A01/P41
A02/P42
A03/P43
A04/P44
A05/P45
A06/P46
A07/P47
A08/P50
A09/P51
A10/P52
A11/P53
A12/P54
A13/P55
A14/P56
A15/P57
F
External address bus bits 0 to 15
Valid for external bus mode. Can be used as ports in single-chip
mode.
36
37
38
39
40
41
42
43
A16/INT16/P60
A17/INT17/P61
A18/INT18/P62
A19/INT19/P63
A20/INT20/P64
A21/INT21/P65
A22/INT22/P66
A23/INT23/P67
O
External address bus bits 16 to 23
[ INT16 to 23 ] are external interruption request inputs 16 to 23.
These inputs are always used when dealing with external interrup-
tions is permitted, so output by ports should be stopped except
when carried out intentionally.
Can be used as ports when address bus and external interruption
request input are not used.
45
RDY/P80
C
External RDY input
This function is valid when external RDY input is permitted. “0” is
input if the bus cycle being executed is not completed.
Can be used as a port when the external RDY input is not used.


Similar Part No. - MB91F133PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F109PF FUJITSU-MB91F109PF Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F109PFV FUJITSU-MB91F109PFV Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F127 FUJITSU-MB91F127 Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91F127PFV FUJITSU-MB91F127PFV Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
More results

Similar Description - MB91F133PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
   32-Bit RISC Microcontroller
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com