Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91154PFV-G Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB91154PFV-G
Description  32-bit Proprietary Microcontrollers
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91154PFV-G Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB91154PFV-G Datasheet HTML 7Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 8Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 9Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 10Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 11Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 12Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 13Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 14Page - Fujitsu Component Limited. MB91154PFV-G Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
MB91F155/MB91154
11
(Continued)
Note : On the majority of pins listed above, the I/O port and the resource I/O are multiplexed, such as XXXX/Pxx.
When the port and the resource output compete against each other on these pins, priority is given to the
resource.
Pin No.
Pin name
Circuit
type
Function
132
133
134
135
136
137
138
139
AN0/PK0
AN1/PK1
AN2/PK2
AN3/PK3
AN4/PK4
AN5/PK5
AN6/PK6
AN7/PK7
N
A/D converter analog input
These pins are enabled when the AIC register is designated for analog
input.
These pins are available as ports when A/D converter analog input is
not in use.
140
VCC2
Backup power supply pin
141
BACKUP
G
Backup circuit protection signal input
142
143
X0A
X1A
K
Low-speed clock (32 kHz) oscillation pin
27, 56, 68,
77, 97, 122
VCC
Power supply pin (VCC) for digital circuit
Always power supply pin (VCC) must be connected to the power
supply
9, 26, 44,
59, 98,
101, 144
VSS
Earth level (VSS) for digital circuit
Always power supply pin (VSS) must be connected to the power
supply


Similar Part No. - MB91154PFV-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91154PFV-G FUJITSU-MB91154PFV-G Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91154PFV-G-XXX FUJITSU-MB91154PFV-G-XXX Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91154PFV-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com