Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A1002 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE15A1002
Description  2 dB NF, 20 mW, 4 GHz to 8 GHz, Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A1002 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A1002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
PE15A1002
2 dB NF, 20 mW, 4 GHz to 8 GHz, Low
Noise Amplifier, 38 dB Gain, SMA
PE15A1002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB NF, 20 mW, 4 GHz to 8 GHz, Low Noise Amplifier, 38 dB Gain, SMA PE15A1002
dB
dBm
0
5
10
15
20
25
30
4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6 5.8 6 6.2 6.4 6.6 6.8 7 7.2 7.4 7.6 7.8 8
Freq.(GHz)
Psat vs Temperature
Psat 85 C
Psat 25 C
0
0.5
1
1.5
2
2.5
3
3.5
4
4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6 5.8 6 6.2 6.4 6.6 6.8 7 7.2 7.4 7.6 7.8 8
Freq.(GHz)
NF vs Temperature
NF(dB) 25 C
NF(dB) 85 C


Similar Part No. - PE15A1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1000 PASTERNACK-PE15A1000 Datasheet
466Kb / 6P
   1.5 dB NF, 10 mW, 1 GHz to 2 GHz, Low Noise Amplifier
PE15A1001 PASTERNACK-PE15A1001 Datasheet
466Kb / 6P
   2 dB NF, 20 mW, 2 GHz to 4 GHz, Low Noise Amplifier
PE15A1003 PASTERNACK-PE15A1003 Datasheet
467Kb / 6P
   2.2 dB NF, 20 mW, 8 GHz to 12 GHz, Low Noise Amplifier
PE15A1003M PASTERNACK-PE15A1003M Datasheet
492Kb / 7P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, 38 dB Gain, SMA
PE15A1004 PASTERNACK-PE15A1004 Datasheet
466Kb / 6P
   3 dB NF, 13 dBm, 12 GHz to 18 GHz, Low Noise Amplifier
More results

Similar Description - PE15A1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1001 PASTERNACK-PE15A1001 Datasheet
466Kb / 6P
   2 dB NF, 20 mW, 2 GHz to 4 GHz, Low Noise Amplifier
PE15A1003 PASTERNACK-PE15A1003 Datasheet
467Kb / 6P
   2.2 dB NF, 20 mW, 8 GHz to 12 GHz, Low Noise Amplifier
PE15A1000 PASTERNACK-PE15A1000 Datasheet
466Kb / 6P
   1.5 dB NF, 10 mW, 1 GHz to 2 GHz, Low Noise Amplifier
PE15A1004 PASTERNACK-PE15A1004 Datasheet
466Kb / 6P
   3 dB NF, 13 dBm, 12 GHz to 18 GHz, Low Noise Amplifier
PE15A1025 PASTERNACK-PE15A1025 Datasheet
426Kb / 6P
   48 dB Gain, 2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, SMA
PE15A1027 PASTERNACK-PE15A1027 Datasheet
425Kb / 6P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz,Low Noise Amplifier, 18 dB Gain, SMA
PE15A1010 PASTERNACK-PE15A1010 Datasheet
406Kb / 3P
   40 dB Gain, 0.9 dB NF, 14 dBm, 2 GHz to 6 GHz, Low Noise High Gain Amplifier
PE15A1003M PASTERNACK-PE15A1003M Datasheet
492Kb / 7P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, 38 dB Gain, SMA
PE15A1026 PASTERNACK-PE15A1026 Datasheet
426Kb / 6P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz,Low Noise Amplifier, 28 dB Gain, SMA
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com