Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2101IDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2101IDWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2101IDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F2101IDWR Datasheet HTML 7Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 8Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 9Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 10Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 11Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 12Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 13Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 14Page - Texas Instruments MSP430F2101IDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
MSP430F21x1
www.ti.com
SLAS439F
– SEPTEMBER 2004 – REVISED AUGUST 2011
Peripherals
Peripherals are connected to the CPU through data, address, and control buses and can be handled using all
instructions. For complete module descriptions, see the MSP430x2xx Family User's Guide (SLAU144).
Oscillator and System Clock
The clock system is supported by the basic clock module that includes support for a 32768-Hz watch crystal
oscillator, an internal digitally-controlled oscillator (DCO), and a high-frequency crystal oscillator. The basic clock
module is designed to meet the requirements of both low system cost and low power consumption. The internal
DCO provides a fast turn-on clock source and stabilizes in less than 1
µs. The basic clock module provides the
following clock signals:
Auxiliary clock (ACLK), sourced from a 32768-Hz watch crystal or a high-frequency crystal
Main clock (MCLK), the system clock used by the CPU
Sub-Main clock (SMCLK), the sub-system clock used by the peripheral modules
Table 13. DCO Calibration Data, Provided From Factory In Flash Info Memory
Segment A
DCO FREQUENCY
CALIBRATION REGISTER
SIZE
ADDRESS
CALBC1_1MHZ
byte
0x010FF
1 MHz
CALBC0_1MHZ
byte
0x010FE
CALBC1_8MHZ
byte
0x010FD
8 MHz
CALBC0_8MHZ
byte
0x010FC
CALBC1_12MHZ
byte
0x010FB
12 MHz
CALBC0_12MHZ
byte
0x010FA
CALBC1_16MHZ
byte
0x010F9
16 MHz
CALBC0_16MHZ
byte
0x010F8
Brownout
The brownout circuit is implemented to provide the proper internal reset signal to the device during power on and
power off.
Digital I/O
There are two 8-bit I/O ports implemented
—ports P1 and P2.
All individual I/O bits are independently programmable.
Any combination of input, output, and interrupt condition is possible.
Edge-selectable interrupt input capability for all eight bits of port P1 and P2.
Read/write access to port-control registers is supported by all instructions.
Each I/O has an individually programmable pullup/pulldown resistor.
Watchdog Timer (WDT+)
The primary function of the WDT+ module is to perform a controlled system restart after a software problem
occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not needed
in an application, the module can be disabled or configured as an interval timer and can generate interrupts at
selected time intervals.
Comparator_A+
The primary function of the comparator_A+ module is to support precision slope analog-to-digital conversions,
battery-voltage supervision, and monitoring of external analog signals.
Copyright
© 2004–2011, Texas Instruments Incorporated
11


Similar Part No. - MSP430F2101IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2101IDWR TI-MSP430F2101IDWR Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDWR TI-MSP430F2101IDWR Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDWR TI-MSP430F2101IDWR Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDWR TI-MSP430F2101IDWR Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IDWR TI-MSP430F2101IDWR Datasheet
1Mb / 60P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2101IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com