Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2101TDWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2101TDWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2101TDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F2101TDWR Datasheet HTML 4Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 5Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 6Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 7Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 8Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 9Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 10Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 11Page - Texas Instruments MSP430F2101TDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
MSP430F21x1
SLAS439F
– SEPTEMBER 2004 – REVISED AUGUST 2011
www.ti.com
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are located in the address range of 0xFFFF to 0xFFC0.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0xFFFE) contains 0xFFFF (for example, if flash is not programmed), the
CPU goes into LPM4 immediately after power up.
Table 5. Interrupt Vector Addresses
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up
PORIFG
External reset
RSTIFG
Watchdog
WDTIFG
Reset
0xFFFE
31, highest
Flash key violation
KEYV(1)
PC out of range(2)
NMI
NMIIFG
(non)-maskable
Oscillator fault
OFIFG
(non)-maskable
0xFFFC
30
Flash memory access violation
ACCVIFG(1)(3)
(non)-maskable
0xFFFA
29
0xFFF8
28
Comparator_A+
CAIFG
maskable
0xFFF6
27
Watchdog Timer+
WDTIFG
maskable
0xFFF4
26
Timer_A3
TACCR0 CCIFG(4)
maskable
0xFFF2
25
TACCR2, TACCR1 CCIFG,
Timer_A3
maskable
0xFFF0
24
TAIFG(1)(4)
0xFFEE
23
0xFFEC
22
0xFFEA
21
0xFFE8
20
I/O port P2 (eight flags)
P2IFG.0 to P2IFG.7(1)(4)
maskable
0xFFE6
19
I/O port P1 (eight flags)
P1IFG.0 to P1IFG.7(1)(4)
maskable
0xFFE4
18
0xFFE2
17
0xFFE0
16
See (5)
0xFFDE
15
See (6)
0xFFDC to 0xFFC0
14 to 0, lowest
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0x0000 to 0x01FF) or
from within unused address range.
(3)
(non)-maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
(4)
Interrupt flags are located in the module.
(5)
This location is used as bootstrap loader security key (BSLSKEY).
A value of 0xAA55 at this location disables the BSL completely.
A value of 0x0 disables the erasure of the flash if an invalid password is supplied.
(6)
The interrupt vectors at addresses 0xFFDC to 0xFFC0 are not used in this device and can be used for regular program code if
necessary.
8
Copyright
© 2004–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F2101TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2101TDWR TI-MSP430F2101TDWR Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TDWR TI-MSP430F2101TDWR Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TDWR TI-MSP430F2101TDWR Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TDWR TI-MSP430F2101TDWR Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TDWR TI-MSP430F2101TDWR Datasheet
1Mb / 60P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2101TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com