Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL640E90TN Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29DL640E90TN
Description  64 M (8 M X 8/4 M X 16) BIT Dual Operation
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL640E90TN Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29DL640E90TN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29DL640E90TN Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
MBM29DL640E80/90/12
9
s
s
s
s DEVICE BUS OPERATION
Table 2
MBM29DL640E User Bus Operations (BYTE
= VIH)
Legend : L
= VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
*1: Manufacturer and device codes may also be accessed via a command register write sequence. SeeTable 4.
*2: Refer to section on Sector Group Protection.
*3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*4: VCC
= 3.3 V ± 10%
*5: It is also used for the extended sector group protection.
*6: Protect “outermost” 2
× 8 Kbytes (4 Kwords) on both ends of the boot block sectors.
(Continued)
Operation
CE
OE WE
A0
A1
A2
A3
A6
A9
DQ15 to
DQ0
RESET
WP/
ACC
Auto-Select Manufacturer
Code *1
LL
H
L
LLLL
VID
Code
H
X
Auto-Select Device Code *1
LL
H
H
LLLL
VID
Code
H
X
Extended Auto-Select Device
Code *1
L
L
H
L
HHH
L
VID
Code
H
X
L
L
HHHHH
L
VID
Code
H
X
Read *3
LL
H
A0
A1
A2
A3
A6
A9
DOUT
HX
Standby
H
X
XXXXXXX
High-Z
H
X
Output Disable
L
H
H
XXXXXX
High-Z
H
X
Write (Program/Erase)
L
H
L
A0
A1
A2
A3
A6
A9
DIN
HX
Enable Sector Group
Protection *2, *4
LVID
L
H
LLL
VID
XH
X
Verify Sector Group Protection
*2, *4
LL
H
L
H
LLL
VID
Code
H
X
Temporary Sector Group
Unprotection *5
XXXXXXXXX
X
VID
X
Reset (Hardware) /Standby
X
X
XXXXXXX
High-Z
L
X
Boot Block Sector Write
Protection *6
XXXXXXXXX
X
X
L


Similar Part No. - MBM29DL640E90TN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL64DF FUJITSU-MBM29DL64DF Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
MBM29DL64DF70PBT FUJITSU-MBM29DL64DF70PBT Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
MBM29DL64DF70TN FUJITSU-MBM29DL64DF70TN Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
More results

Similar Description - MBM29DL640E90TN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
logo
SPANSION
MBM29DL32XTE80 SPANSION-MBM29DL32XTE80 Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL34TF70 SPANSION-MBM29DL34TF70 Datasheet
777Kb / 68P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL32TF-70 SPANSION-MBM29DL32TF-70 Datasheet
811Kb / 70P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DS163TE10 SPANSION-MBM29DS163TE10 Datasheet
721Kb / 67P
   FLASH MEMORY CMOS 16 M (2 M X 8/1 M X 16) BIT Dual Operation
logo
Fujitsu Component Limit...
MBM29LV320TE FUJITSU-MBM29LV320TE Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH_04 Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com