Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A3506 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A3506
Description  47 dB Gain, 2 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3506 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3506 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3506 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3506 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3506 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3506 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3506 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Source Voltage
+16
Volts
RF input Power
+17
dBm
Operating Temperature (base-plate)
-55 to +85
°C
Storage Temperature
-65 to +95
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A3506
PE15A3506 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 47 dB Gain, 2 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier, 42 dBm IP3, 6 dB NF,
SMA PE15A3506
47 dB Gain, 2 Watt, 6 GHz to 12 GHz, Broadband
High Gain Amplifier, 42 dBm IP3, 6 dB NF, SMA


Similar Part No. - PE15A3506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3506 PASTERNACK-PE15A3506_17 Datasheet
479Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A3506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3505 PASTERNACK-PE15A3505 Datasheet
488Kb / 6P
   48 dB Gain, 1 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
PE15A1010 PASTERNACK-PE15A1010 Datasheet
406Kb / 3P
   40 dB Gain, 0.9 dB NF, 14 dBm, 2 GHz to 6 GHz, Low Noise High Gain Amplifier
logo
TriQuint Semiconductor
TGA8226 TRIQUINT-TGA8226 Datasheet
650Kb / 8P
   2 - 6 GHz Gain Block Amplifier
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Guerrilla RF, Inc.
GRF2012W GUERRILLA-GRF2012W Datasheet
1Mb / 17P
   BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
April 17, 2023
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com