Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F002BC-55 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MBM29F002BC-55
Description  2M (256K X 8) BIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F002BC-55 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MBM29F002BC-55 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F002BC-55 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
MBM29F002TC-55/-70/-90/MBM29F002BC-55/-70/-90
s ORDERING INFORMATION
Standard Products
Fujitsu standard products are available in several packages. The order number is formed by a combination of:
MBM29F002
T
C
-70
PFTN
DEVICE NUMBER/DESCRIPTION
MBM29F002
2 Mega-bit (256K
× 8-Bit) CMOS Flash Memory
5.0 V-only Read, Write, and Erase
PACKAGE TYPE
PFTN = 32-Pin Thin Small Outline Package
(TSOP) Standard Pinout
PFTR = 32-Pin Thin Small Outline Package
(TSOP) Reverse Pinout
PD
= 32-Pin Rectangular Plastic Leaded
Chip Carrier (PLCC)
SPEED OPTION
See Product Selector Guide
C = Device Revision
BOOT CODE SECTOR ARCHITECTURE
T = Top sector
B = Bottom sector


Similar Part No. - MBM29F002BC-55

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F004BC-70PD SPANSION-MBM29F004BC-70PD Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-70PFTN SPANSION-MBM29F004BC-70PFTN Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-70PFTR SPANSION-MBM29F004BC-70PFTR Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-90PD SPANSION-MBM29F004BC-90PD Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-90PFTN SPANSION-MBM29F004BC-90PFTN Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results

Similar Description - MBM29F002BC-55

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com