Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2121IDW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2121IDW
Description  MIXED SIGNAL MICROCONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2121IDW Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F2121IDW Datasheet HTML 1Page - Texas Instruments MSP430F2121IDW Datasheet HTML 2Page - Texas Instruments MSP430F2121IDW Datasheet HTML 3Page - Texas Instruments MSP430F2121IDW Datasheet HTML 4Page - Texas Instruments MSP430F2121IDW Datasheet HTML 5Page - Texas Instruments MSP430F2121IDW Datasheet HTML 6Page - Texas Instruments MSP430F2121IDW Datasheet HTML 7Page - Texas Instruments MSP430F2121IDW Datasheet HTML 8Page - Texas Instruments MSP430F2121IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
MSP430F21x1
www.ti.com
SLAS439F
– SEPTEMBER 2004 – REVISED AUGUST 2011
Table 2. Terminal Functions
TERMINAL
NO.
DW,
I/O
DESCRIPTION
NAME
PW,
RGE
or
DGV
General-purpose digital I/O pin
P1.0/TACLK
13
13
I/O
Timer_A, clock signal TACLK input
General-purpose digital I/O pin
P1.1/TA
14
14
I/O
Timer_A, capture: CCI0A input, compare: Out0 output/BSL transmit
General-purpose digital I/O pin
P1.2/TA1
15
15
I/O
Timer_A, capture: CCI1A input, compare: Out1 output
General-purpose digital I/O pin
P1.3/TA2
16
16
I/O
Timer_A, capture: CCI2A input, compare: Out2 output
General-purpose digital I/O pin / SMCLK signal output
P1.4/SMCLK/TCK
17
17
I/O
Test Clock input for device programming and test
General-purpose digital I/O pin / Timer_A, compare: Out0 output
P1.5/TA/TMS
18
18
I/O
Test Mode Select input for device programming and test
General-purpose digital I/O pin / Timer_A, compare: Out1 output
P1.6/TA1/TDI/TCLK
19
20
I/O
Test Data Input or Test Clock Input for programming and test
General-purpose digital I/O pin / Timer_A, compare: Out2 output
P1.7/TA2/TDO/TDI(1)
20
21
I/O
Test Data Output or Test Data Input for programming and test
General-purpose digital I/O pin / ACLK output
P2.0/ACLK/CA2
8
6
I/O
Comparator_A+, CA2 input
General-purpose digital I/O pin / Timer_A, clock signal at INCLK
P2.1/INCLK/CA3
9
7
I/O
Comparator_A+, CA3 input
General-purpose digital I/O pin
P2.2/CAOUT/TA/CA4
10
8
I/O
Timer_A, capture: CCI0B input/BSL receive
Comparator_A+, output / CA4 input
General-purpose digital I/O pin / Timer_A, compare: Out1 output
P2.3/CA0/TA1
11
10
I/O
Comparator_A+, CA0 input
General-purpose digital I/O pin / Timer_A, compare: Out2 output
P2.4/CA1/TA2
12
11
I/O
Comparator_A+, CA1 input
General-purpose digital I/O pin
P2.5/CA5
3
24
I/O
Comparator_A+, CA5 input
Input terminal of crystal oscillator
XIN/P2.6/CA6
6
4
I/O
General-purpose digital I/O pin
Comparator_A+, CA6 input
Output terminal of crystal oscillator
XOUT/P2.7/CA7(2)
5
3
I/O
General-purpose digital I/O pin
Comparator_A+, CA7 input
RST/NMI
7
5
I
Reset or nonmaskable interrupt input
Selects test mode for JTAG pins on Port1. The device protection fuse is connected to
TEST
1
22
I
TEST.
VCC
2
23
Supply voltage
VSS
4
2
Ground reference
QFN Pad
NA
Pad
NA
QFN package thermal pad. Connect to VSS.
(1)
TDO or TDI is selected via JTAG instruction.
(2)
If XOUT/P2.7/CA7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver
connection to this pad after reset.
Copyright
© 2004–2011, Texas Instruments Incorporated
5


Similar Part No. - MSP430F2121IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2121IDW TI-MSP430F2121IDW Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2121IDW TI-MSP430F2121IDW Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2121IDW TI-MSP430F2121IDW Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2121IDW TI-MSP430F2121IDW Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2121IDWR TI-MSP430F2121IDWR Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2121IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com