Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F016A-70PFTN Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MBM29F016A-70PFTN
Description  16M (2M X 8) BIT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F016A-70PFTN Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MBM29F016A-70PFTN Datasheet HTML 1Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F016A-70PFTN Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
MBM29F016A-70/-90/-12
s FLEXIBLE SECTOR-ERASE ARCHITECTURE
• Thirty two 64 K byte sectors
• 8 sector groups each of which consists of 4 adjacent sectors in the following pattern; sectors 0-3, 4-7, 8-11,
12-15, 16-19, 20-23, 24-27, and 28-31
• Individual-sector or multiple-sector erase capability
• Sector group protection is user-definable
1FFFFFH
1EFFFFH
1DFFFFH
1CFFFFH
1BFFFFH
1AFFFFH
19FFFFH
18FFFFH
17FFFFH
16FFFFH
15FFFFH
14FFFFH
13FFFFH
12FFFFH
11FFFFH
10FFFFH
0FFFFFH
0EFFFFH
0DFFFFH
0CFFFFH
0BFFFFH
0AFFFFH
09FFFFH
08FFFFH
07FFFFH
06FFFFH
05FFFFH
04FFFFH
03FFFFH
02FFFFH
01FFFFH
00FFFFH
000000H
SA31
SA30
SA29
SA28
SA3
SA2
SA1
SA0
Sector
Group 7
Sector
Group 0
64 K byte
64 K byte
64 K byte
64 K byte
32 Sectors Total
64 K byte
64 K byte
64 K byte
64 K byte


Similar Part No. - MBM29F016A-70PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F016A-70PFTN SPANSION-MBM29F016A-70PFTN Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results

Similar Description - MBM29F016A-70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV016T FUJITSU-MBM29LV016T Datasheet
600Kb / 52P
   16M (2M x 8) BIT
MBM29F017A FUJITSU-MBM29F017A Datasheet
469Kb / 47P
   16M (2M X 8) BIT
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com