Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F040C-55 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29F040C-55
Description  4M (512K X 8) BIT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F040C-55 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29F040C-55 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F040C-55 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS05-20842-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
Embedded Erase™, Embedded Program™ and ExpressFlash™ are trademarks of Advanced Micro Devices, Inc.
FLASH MEMORY
CMOS
4M (512K
× 8) BIT
MBM29F040C-55/-70/-90
s FEATURES
Single 5.0 V read, program and erase
Minimizes system level power requirements
Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
Compatible with JEDEC-standard byte-wide pinouts
32-pin PLCC (Package suffix: PD)
32-pin TSOP(I) (Package suffix: PF)
32-pin TSOP(I) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)
Minimum 100,000 write/erase cycles
High performance
55 ns maximum access time
Sector erase architecture
8 equal size sectors of 64K bytes each
Any combination of sectors can be concurrently erased. Also supports full chip erase.
Embedded Erase™ Algorithms
Automatically pre-programs and erases the chip or any sector
Embedded Program™ Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
•Low VCC write inhibit
≤ 3.2 V
Sector protection
Hardware method disables any combination of sectors from write or erase operations
Erase Suspend/Resume
Suspends the erase operation to allow a read data in another sector within the same device


Similar Part No. - MBM29F040C-55

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F040C-55 SPANSION-MBM29F040C-55 Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
MBM29F040C-55PD SPANSION-MBM29F040C-55PD Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
MBM29F040C-55PFTN SPANSION-MBM29F040C-55PFTN Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
MBM29F040C-55PFTR SPANSION-MBM29F040C-55PFTR Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
More results

Similar Description - MBM29F040C-55

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Fujitsu Component Limit...
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com