Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6584 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6584
Description  LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6584 Datasheet(HTML) 1 Page - Texas Instruments

  LMH6584_14 Datasheet HTML 1Page - Texas Instruments LMH6584_14 Datasheet HTML 2Page - Texas Instruments LMH6584_14 Datasheet HTML 3Page - Texas Instruments LMH6584_14 Datasheet HTML 4Page - Texas Instruments LMH6584_14 Datasheet HTML 5Page - Texas Instruments LMH6584_14 Datasheet HTML 6Page - Texas Instruments LMH6584_14 Datasheet HTML 7Page - Texas Instruments LMH6584_14 Datasheet HTML 8Page - Texas Instruments LMH6584_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SWITCH
MATRIX
CONFIGURATION
REGISTER
LOAD
REGISTER
DATA OUT
RST
DATA IN
CS
CLK
MODE
BCST
CFG
96
528
LMH6584, LMH6585
www.ti.com
SNOSB08B – APRIL 2008 – REVISED APRIL 2013
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
Check for Samples: LMH6584, LMH6585
1
FEATURES
DESCRIPTION
The LMH™ family of products is joined by the
23
32 Inputs and 16 Outputs
LMH6584 and the LMH6585 high speed, non-
144-pin LQFP Package
blocking,
analog,
crosspoint
switches.
The
−3 dB Bandwidth (VOUT = 2 VPP, RL = 150Ω) 400
LMH6584/LMH6585 are designed for high speed, DC
MHz
coupled, analog signals such as high resolution video
(UXGA and higher). The LMH6584/LMH6585 have 32
Fast Slew Rate 1200 V/
μs
inputs and 16 outputs. The non-blocking architecture
Channel to Channel Crosstalk (10/100 MHz)
allows an output to be connected to any input,
−52/ −43 dBc
including an input that is already selected. With fully
Easy to Use Serial Programming 4 Wire Bus
buffered inputs the LMH6584/LMH6585 can be
impedance matched to nearly any source impedance.
Two Programming Modes Serial & Addressed
The buffered outputs of the LMH6584/LMH6585 can
Modes
drive up to two back terminated video loads (75
Symmetrical Pinout Facilitates Expansion
load). The outputs and inputs also feature high
Output Current ±50 mA
impedance inactive states allowing high performance
input and output expansion for array sizes such as 32
x 32 or 64 x 16 by combining two devices. The
APPLICATIONS
LMH6584/LMH6585 are controlled with a 4 pin serial
Studio Monitoring/Production Video Systems
interface. Both single serial mode and addressed
Conference Room Multimedia Video Systems
chain modes are available.
KVM (Keyboard Video Mouse) Systems
The LMH6584/LMH6585 come in 144-pin LQFP
packages. They also have diagonally symmetrical pin
Security/Surveillance Systems
assignments to facilitate double sided board layouts
Multi Antenna Diversity Radio
and easy pin connections for expansion.
Video Test Equipment
Medical Imaging
Wide-Band Routers & Switches
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMH is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6584_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6584VV NSC-LMH6584VV Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
More results

Similar Description - LMH6584_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
National Semiconductor ...
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com