Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6583 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6583
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6583 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6583 Datasheet HTML 2Page - Texas Instruments LMH6583 Datasheet HTML 3Page - Texas Instruments LMH6583 Datasheet HTML 4Page - Texas Instruments LMH6583 Datasheet HTML 5Page - Texas Instruments LMH6583 Datasheet HTML 6Page - Texas Instruments LMH6583 Datasheet HTML 7Page - Texas Instruments LMH6583 Datasheet HTML 8Page - Texas Instruments LMH6583 Datasheet HTML 9Page - Texas Instruments LMH6583 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 0.7 VPP
RL = 100:
-225
-180
-135
-90
-45
0
GAIN
PHASE
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±3.3V
VOUT = 0.7 VPP
RL = 100:
-225
-180
-135
-90
-45
0
GAIN
PHASE
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 2.8 VPP
RL = 150:
-225
-180
-135
-90
-45
0
GAIN
PHASE
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±3.3V
VOUT = 2.8 VPP
RL = 150:
-225
-180
-135
-90
-45
0
GAIN
PHASE
10
100
1000
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (MHz)
-225
-180
-135
-90
-45
0
GAIN
PHASE
VS = ±5V
VOUT = 2 VPP
RL = 150:
10
100
1000
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (MHz)
-225
-180
-135
-90
-45
0
GAIN
PHASE
VS = ±3.3V
VOUT = 2 VPP
RL = 150:
LMH6583
SNOSAP5E – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
2 VPP Frequency Response
2 VPP Frequency Response
Figure 3.
Figure 4.
Large Signal Bandwidth
Large Signal Bandwidth
Figure 5.
Figure 6.
Small Signal Bandwidth
Small Signal Bandwidth
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6583


Similar Part No. - LMH6583

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6583 NSC-LMH6583 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6583 NSC-LMH6583 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6583YA NSC-LMH6583YA Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Texas Instruments
LMH6583YA/NOPB TI1-LMH6583YA/NOPB Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
More results

Similar Description - LMH6583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com