Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6585VVNOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6585VVNOPB
Description  LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6585VVNOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6585VVNOPB Datasheet HTML 1Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 2Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 3Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 4Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 5Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 6Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 7Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 8Page - Texas Instruments LMH6585VVNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LMH6584, LMH6585
SNOSB08B – APRIL 2008 – REVISED APRIL 2013
www.ti.com
±3.3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, typical conditions are: TA = 25°C, VS = ±3.3V, RL = 100Ω. Boldface limits apply at the
temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(3)
Max(2)
Units
VOUT
−1.36,
RL = 100Ω, LMH6584
±1.6
+1.38
−1.36,
RL = ∞, LMH6584
(8)
±1.6
+1.38
Output Voltage Range
V
−1.82,
RL = 100Ω, LMH6585
±2.1
+1.9
RL = ∞, LMH6585
±2.05
±2.2
PSRR
Power Supply Rejection Ratio
45
dB
ICC
Positive Supply Current
RL = ∞
189
250
mA
IEE
Negative Supply Current
RL = ∞
181
240
mA
Tri State Supply Current
RST Pin > 2.0V
30
50
mA
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
100
k
CIN
Input Capacitance
Input connected to one output
9
pF
CIN
Input connected to 16 outputs
Input Capacitance
12
pF
(Broadcast)
RO
Output Resistance Enabled
Closed Loop, Enabled
300
m
Output Resistance Disabled
Disabled, LMH6584
50
k
Output Resistance Disabled
Disabled, LMH6585
1.3
CMVR
Input Common Mode Voltage Range
±0.8
V
IO
Output Current
Sourcing, VO = 0 V
±45
mA
Digital Control
VIH
Input Voltage High
2.0
V
VIL
Input Voltage Low
0.8
V
VOH
Output Voltage High
>2.2
V
VOL
Output Voltage Low
<0.4
V
TS
Setup Time
9
ns
TH
Hold Time
9
ns
(8)
This parameter is specified by design and/or characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6584 LMH6585


Similar Part No. - LMH6585VVNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6585VV NSC-LMH6585VV Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6585VV/NOPB TI1-LMH6585VV/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
More results

Similar Description - LMH6585VVNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
National Semiconductor ...
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com