Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29F002 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # 29F002
Description  2M (256K X 8) BIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

29F002 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button 29F002 Datasheet HTML 6Page - Fujitsu Component Limited. 29F002 Datasheet HTML 7Page - Fujitsu Component Limited. 29F002 Datasheet HTML 8Page - Fujitsu Component Limited. 29F002 Datasheet HTML 9Page - Fujitsu Component Limited. 29F002 Datasheet HTML 10Page - Fujitsu Component Limited. 29F002 Datasheet HTML 11Page - Fujitsu Component Limited. 29F002 Datasheet HTML 12Page - Fujitsu Component Limited. 29F002 Datasheet HTML 13Page - Fujitsu Component Limited. 29F002 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
MBM29F002TC-55/-70/-90/MBM29F002BC-55/-70/-90
* : Outputs 01H at protected sector addresses and outputs 00H at unprotected sector addresses.
Table 3 .1 MBM29F002TC/BC Sector Protection Verify Autoselect Codes
Type
A13 to A17
A10
A6
A1
A0
Code (HEX)
Manufacture’s Code
X
VIL
VIL
VIL
VIL
04H
Device Code
MBM29F002TC
X
VIL
VIL
VIL
VIH
B0H
MBM29F002BC
X
VIL
VIL
VIL
VIH
34H
Sector Protection
Sector
Addresses
VIL
VIL
VIH
VIL
01H*
Table 3 .2 Expanded Autoselect Code Table
Type
Code
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacture’s Code
04H
0
0000100
Device Code
MBM29F002TC
B0H
10110000
MBM29F002BC
34H
00110100
Sector Protection
01H
0
0000001
Table 4
Sector Address Tables (MBM29F002TC)
A17
A16
A15
A14
A13
Address Range
SA0
0
0
X
X
X
00000H to 0FFFFH
SA1
0
1
X
X
X
10000H to 1FFFFH
SA2
1
0
X
X
X
20000H to 2FFFFH
SA3
1
1
0
X
X
30000H to 37FFFH
SA4
1
1
1
0
0
38000H to 39FFFH
SA5
11101
3A000H to 3BFFFH
SA6
1
1
1
1
X
3C000H to 3FFFFH
Table 5
Sector Address Tables (MBM29F002BC)
A17
A16
A15
A14
A13
Address Range
SA0
0
0
0
0
X
00000H to 03FFFH
SA1
0
0
0
1
0
04000H to 05FFFH
SA2
0
0
0
1
1
06000H to 07FFFH
SA3
0
0
1
X
X
08000H to 0FFFFH
SA4
0
1
X
X
X
10000H to 1FFFFH
SA5
1
0
X
X
X
20000H to 2FFFFH
SA6
1
1
X
X
X
30000H to 3FFFFH


Similar Part No. - 29F002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F002 STMICROELECTRONICS-29F002 Datasheet
189Kb / 22P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
logo
Advanced Micro Devices
29F002 AMD-29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Macronix International
29F002B-12 MCNIX-29F002B-12 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
29F002B-55 MCNIX-29F002B-55 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
29F002B-70 MCNIX-29F002B-70 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results

Similar Description - 29F002

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com