Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL161BE70PFTN Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29DL161BE70PFTN
Description  16M (2M x 8/1M x 16) BIT Dual Operation
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL161BE70PFTN Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29DL161BE70PFTN Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
DS05-20874-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
16M (2M
× 8/1M × 16) BIT Dual Operation
MBM29DL16XTD/BD -70/90/12
s FEATURES
• 0.33
µm Process Technology
• Simultaneous Read/Write operations (dual bank)
Multiple devices available with different bank sizes (Refer to Table 1)
Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
Zero latency between read and write operations
Read-while-erase
Read-while-program
• Single 3.0 V read, program, and erase
Minimizes system level power requirements
(Continued)
s PRODUCT LINE UP
s PACKAGES
Part No.
MBM29DL16XTD/MBM29DL16XBD
Ordering Part No.
VCC = 3.3 V
+0.3 V
–0.3 V
70
VCC = 3.0 V
+0.6 V
–0.3 V
—90
12
Max. Address Access Time (ns)
70
90
120
Max. CE Access Time (ns)
70
90
120
Max. OE Access Time (ns)
30
35
50
48-pin plastic TSOP (I)
(FPT-48P-M19)
48-pin plastic TSOP (I)
(FPT-48P-M20)
48-pin plastic FBGA
(BGA-48P-M13)
Marking Side
Marking Side
Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29DL161BE70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL161BE FUJITSU-MBM29DL161BE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
logo
SPANSION
MBM29DL161BE-70PBT SPANSION-MBM29DL161BE-70PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161BE-70TN SPANSION-MBM29DL161BE-70TN Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161BE-70TR SPANSION-MBM29DL161BE-70TR Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161BE-90PBT SPANSION-MBM29DL161BE-90PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL161BE70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Fujitsu Component Limit...
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com