Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL161BE70PFTN Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29DL161BE70PFTN
Description  16M (2M x 8/1M x 16) BIT Dual Operation
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL161BE70PFTN Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29DL161BE70PFTN Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL161BE70PFTN Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
MBM29DL16XTD/BD-70/90/12
3
s GENERAL DESCRIPTION
The MBM29DL16XTD/BD are a 16M-bit, 3.0 V-only Flash memory organized as 2M bytes of 8 bits each or 1M
words of 16 bits each. The MBM29DL16XTD/BD are offered in a 48-pin TSOP(I) and 48-ball FBGA Package.
These devices are designed to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V
VPP and 5.0 V VCC are not required for write or erase operations. The devices can also be reprogrammed in
standard EPROM programmers.
MBM29DL16XTD/BD are organized into two banks, Bank 1 and Bank 2, which can be considered to be two
separate memory arrays as far as certain operations are concerned. These devices are the same as Fujitsu’s
standard 3 V only Flash memories with the additional capability of allowing a normal non-delayed read access
from a non-busy bank of the array while an embedded write (either a program or an erase) operation is
simultaneously taking place on the other bank.
In the MBM29DL16XTD/BD, a new design concept is implemented, so called “Sliding Bank Architecture”. Under
this concept, the MBM29DL16XTD/BD can be produced a series of devices with different Bank 1/Bank 2 size
combinations; 0.5 Mb/15.5 Mb, 2 Mb/14 Mb, 4 Mb/12 Mb, 8 Mb/8 Mb.
The standard MBM29DL16XTD/BD offer access times 70 ns, 90 ns and 120 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the devices have separate chip enable (CE),
write enable (WE), and output enable (OE) controls.
The MBM29DL16XTD/BD are pin and command set compatible with JEDEC standard E2PROMs. Commands
are written to the command register using standard microprocessor write timings. Register contents serve as
input to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and erase operations. Reading data out of the devices
is similar to reading from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29DL16XTD/BD are programmed by executing the program command sequence. This will invoke the
Embedded Program Algorithm which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margin. Typically, each sector can be programmed and verified in about 0.5 seconds.
Erase is accomplished by executing the erase command sequence. This will invoke the Embedded Erase
Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed
before executing the erase operation. During erase, the devices automatically time the erase pulse widths and
verify proper cell margin.
A sector is typically erased and verified in 1.0 second. (If already completely preprogrammed.)
The devices also feature a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29DL16XTD/BD are erased when shipped from the
factory.
The devices feature single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6, or the RY/BY output pin. Once the end of a program or erase cycle has been
completed, the devices internally reset to the read mode.
Fujitsu’s Flash technology combines years of EPROM and E2PROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The MBM29DL16XTD/BD memories electrically erase the entire
chip or all bits within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed
one byte/word at a time using the EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29DL161BE70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL161BE FUJITSU-MBM29DL161BE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
logo
SPANSION
MBM29DL161BE-70PBT SPANSION-MBM29DL161BE-70PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161BE-70TN SPANSION-MBM29DL161BE-70TN Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161BE-70TR SPANSION-MBM29DL161BE-70TR Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161BE-90PBT SPANSION-MBM29DL161BE-90PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL161BE70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Fujitsu Component Limit...
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com