Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F002 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # M29F002
Description  2M (256K X 8) BIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

M29F002 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button M29F002 Datasheet HTML 7Page - Fujitsu Component Limited. M29F002 Datasheet HTML 8Page - Fujitsu Component Limited. M29F002 Datasheet HTML 9Page - Fujitsu Component Limited. M29F002 Datasheet HTML 10Page - Fujitsu Component Limited. M29F002 Datasheet HTML 11Page - Fujitsu Component Limited. M29F002 Datasheet HTML 12Page - Fujitsu Component Limited. M29F002 Datasheet HTML 13Page - Fujitsu Component Limited. M29F002 Datasheet HTML 14Page - Fujitsu Component Limited. M29F002 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11
MBM29F002TC-55/-70/-90/MBM29F002BC-55/-70/-90
Write
Device erasure and programming are accomplished via the command register. The contents of the register serve
as inputs to the internal state machine. The state machine outputs dictate the function of the device.
The command register itself does not occupy any addressable memory location. The register is a latch used to
store the commands, along with the address and data information needed to execute the command. The
command register is written by bringing WE to VIL, while CE is at VIL and OE is at VIH. Addresses are latched on
the falling edge of WE or CE, whichever happens later; while data is latched on the rising edge of WE or CE,
whichever happens first. Standard microprocessor write timings are used.
Refer to AC Write Characteristics and the Erase/Programming Waveforms for specific timing parameters.
Sector Protection
The MBM29F002TC/BC features hardware sector protection. This feature will disable both program and erase
operations in any number of sectors (0 through 6)
. The sector protection feature is enabled using programming
equipment at the user's site. The device is shipped with all sectors unprotected.
To activate this mode, the programming equipment must force VID on address pin A9 and control pin OE, (suggest
VID = 11.5 V), CE = VIL. The sector addresses (A13, A14, A15, A16, and A17) should be set to the sector to be
protected. Tables 4 and 5 define the sector address for each of the seven (7) individual sectors. Programming
of the protection circuitry begins on the falling edge of the WE pulse and is terminated with the rising edge of
the same. Sector addresses must be held constant during the WE pulse. See figures 14 and 21 for sector
protection waveforms and algorithm.
To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9
with CE and OE at VIL and WE at VIH. Scanning the sector addresses (A13, A14, A15, A16, and A17) while (A10, A6,
A1, A0) = (0, 0, 1, 0) will produce a logical “1” code at device output DQ0 for a protected sector. Otherwise the
device will produce 00H for unprotected sector. In this mode, the lower order addresses, except for A0, A1, A6,
and A10 are DON’T CARES. Address locations with A1 = VIL are reserved for Autoselect manufacturer and device
codes.
It is also possible to determine if a sector is protected in the system by writing an Autoselect command. Performing
a read operation at the address location XX02H, where the higher order addresses (A13, A14, A15, A16, and A17)
are the desired sector address will produce a logical “1” at DQ0 for a protected sector. See Table 3 for Autoselect
codes.


Similar Part No. - M29F002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002 STMICROELECTRONICS-M29F002 Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
logo
Advanced Micro Devices
M29F002 AMD-M29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
STMicroelectronics
M29F002B STMICROELECTRONICS-M29F002B Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K1TR STMICROELECTRONICS-M29F002B-120K1TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K6TR STMICROELECTRONICS-M29F002B-120K6TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F002

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com