Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL164BE70PFTN Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29DL164BE70PFTN
Description  16M (2M x 8/1M x 16) BIT Dual Operation
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL164BE70PFTN Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29DL164BE70PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29DL164BE70PFTN Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
MBM29DL16XTD/BD-70/90/12
9
s DEVICE BUS OPERATION
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 12.
2. Refer to the section on Sector Group Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
4. VCC = 3.3 V ± 10%
5. It is also used for the extended sector group protection.
Table 3 MBM29DL16XTD/BD User Bus Operations (BYTE = VIH)
Operation
CE
OE WE
A0
A1
A6
A9
DQ0 to DQ15 RESET WP/ACC
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
Code
H
X
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
Code
H
X
Read (3)
L
L
H
A0
A1
A6
A9
DOUT
HX
Standby
H
XXXXXX
HIGH-Z
H
X
Output Disable
L
H
H
X
X
X
X
HIGH-Z
H
X
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
HX
Enable Sector Group Protection (2), (4)
L
VID
LHL
VID
XH
X
Verify Sector Group Protection (2), (4)
L
L
H
L
H
L
VID
Code
H
X
Temporary Sector Group Unprotection (5)
XXXXXXX
X
VID
X
Reset (Hardware)/Standby
XXXXXXX
HIGH-Z
L
X
Boot Block Sector Write Protection
XXXXXXX
X
X
L
Table 4 MBM29DL16XTD/BD User Bus Operations (BYTE = VIL)
Operation
CE
OE WE DQ
15
/
A-1
A0
A1
A6
A9
DQ0 to DQ7 RESET WP/ACC
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
L
VID
Code
H
X
Auto-Select Device Code (1)
L
L
H
L
H
L
L
VID
Code
H
X
Read (3)
L
L
H
A-1
A0
A1
A6
A9
DOUT
HX
Standby
H
XX
X
X
XXX
HIGH-Z
H
X
Output Disable
L
H
H
X
X
X
X
X
HIGH-Z
H
X
Write (Program/Erase)
L
H
L
A-1
A0
A1
A6
A9
DIN
HX
Enable Sector Group Protection
(2), (4)
LVID
LL
H
L
VID
XH
X
Verify Sector Group Protection
(2), (4)
LL
H
L
L
H
L
VID
Code
H
X
Temporary Sector Group
Unprotection (5)
XXX
X
X
XXX
X
VID
X
Reset (Hardware)/Standby
X
X
X
X
X
X
X
X
HIGH-Z
L
X
Boot Block Sector Write Protection
X
X
X
X
X
X
X
X
X
X
L


Similar Part No. - MBM29DL164BE70PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL164BE-70PBT SPANSION-MBM29DL164BE-70PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL164BE-70TN SPANSION-MBM29DL164BE-70TN Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL164BE-70TR SPANSION-MBM29DL164BE-70TR Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL164BE-90PBT SPANSION-MBM29DL164BE-90PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL164BE-90TN SPANSION-MBM29DL164BE-90TN Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL164BE70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Fujitsu Component Limit...
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com