Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL640E12PBT Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29DL640E12PBT
Description  64 M (8 M X 8/4 M X 16) BIT Dual Operation
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL640E12PBT Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29DL640E12PBT Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL640E12PBT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
MBM29DL640E80/90/12
3
s
s
s
s FEATURES
• 0.23
µm Process Technology
• Simultaneous Read/Write operations (Dual Bank)
• FlexBankTM
Bank A : 8 Mbit (8 KB
× 8 and 64 KB × 15)
Bank B : 24 Mbit (64 KB
× 48)
Bank C : 24 Mbit (64 KB
× 48)
Bank D : 8 Mbit (8 KB
× 8 and 64 KB × 15)
Two virtual Banks are chosen from the combination of four physical banks (Refer to Table 9, 10)
Host system can program or erase in one bank, and then read immediately and simultaneously from the other
bank with zero latency between read and write operations.
Read-while-erase
Read-while-program
• Single 3.0 V read, program, and erase
Minimized system level power requirements
• Compatible with JEDEC-standard commands
Uses the same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP (I) (Package suffix : TN
− Normal Bend Type, TR − Reversed Bend Type)
63-ball FBGA (Package suffix : PBT)
• Minimum 100,000 program/erase cycles
• High performance
80 ns maximum access time
• Sector erase architecture
Sixteen 4 Kword and one hundred twenty-six 32 Kword sectors in word mode
Sixteen 8 Kbyte and one hundred twenty-six 64 Kbyte sectors in byte mode
Any combination of sectors can be concurrently erased. It also supports full chip erase.
• Hidden ROM (Hi-ROM) region
256 byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
At VIL, allows protection of “outermost” 2
× 8 Kbytes on both ends of boot sectors, regardless of sector protection/
unprotection status
At VIH, allows removal of boot sector protection
At VACC, increases program performance
• Embedded EraseTM Algorithms
Automatically preprograms and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
(Continued)


Similar Part No. - MBM29DL640E12PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL64DF FUJITSU-MBM29DL64DF Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
MBM29DL64DF70PBT FUJITSU-MBM29DL64DF70PBT Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
MBM29DL64DF70TN FUJITSU-MBM29DL64DF70TN Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
More results

Similar Description - MBM29DL640E12PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
logo
SPANSION
MBM29DL32XTE80 SPANSION-MBM29DL32XTE80 Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL34TF70 SPANSION-MBM29DL34TF70 Datasheet
777Kb / 68P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL32TF-70 SPANSION-MBM29DL32TF-70 Datasheet
811Kb / 70P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DS163TE10 SPANSION-MBM29DS163TE10 Datasheet
721Kb / 67P
   FLASH MEMORY CMOS 16 M (2 M X 8/1 M X 16) BIT Dual Operation
logo
Fujitsu Component Limit...
MBM29LV320TE FUJITSU-MBM29LV320TE Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH_04 Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com