Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F400TC-70 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MBM29F400TC-70
Description  4M (512K X 8/256K X 16) BIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F400TC-70 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MBM29F400TC-70 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 12Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 13Page - Fujitsu Component Limited. MBM29F400TC-70 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
MBM29F400TC-55/-70/-90/MBM29F400BC-55/-70/-90
s FUNCTIONAL DESCRIPTION
Read Mode
The MBM29F400TC/BC has two control functions which must be satisfied in order to obtain data at the outputs.
CE is the power control and should be used for a device selection. OE is the output control and should be used
to gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins (Assuming the
addresses have been stable for at least tACC - tCE time).
Standby Mode
There are two ways to implement the standby mode on the MBM29F400TC/BC devices, one using both the CE
and RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC ± 0.3 V.
Under this condition the current consumed is less than 5
µA max. A TTL standby mode is achieved with CE and
RESET pins held at VIH. Under this condition the current is reduced to approximately 1mA. During Embedded
Algorithm operation, VCC Active current (ICC2) is required even CE = VIH. The device can be read with standard
access time (tCE) from either of these standby modes.
When using the RESET pin only, a CMOS standby mode is achieved with RESET input held at VSS ± 0.3 V
(CE = “H” or “L”). Under this condition the current is consumed is less than 5
µA max. A TTL standby mode is
achieved with RESET pin held at VIL, (CE= “H” or “L”). Under this condition the current required is reduced to
approximately 1mA. Once the RESET pin is taken high, the device requires tRH of wake up time before outputs
are valid for read access.
In the standby mode the outputs are in the high impedance state, independent of the OE input.
Output Disable
With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer
and type. This mode is intended for use by programming equipment for the purpose of automatically matching
the devices to be programmed with its corresponding programming algorithm. This mode is functional over the
entire temperature range of the device.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the devices outputs by toggling address A0 from VIL to VIH. All
addresses are don't cares except A0, A1 and A6 ( A-1) (See Tables 4.1).
The manufacturer and device codes may also be read via the command register, for instances when the
MBM29F400TC/BC is erased or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in Table 7 (refer to Autoselect Command section).
A0 = VIL represents the manufacturer’s code (Fujitsu = 04H) and A0 = VIH the device identifier code
(MBM29F400TC = 23H and MBM29F400BC = ABH for
×8 mode; MBM29F400TC = 2223H and MBM29F400BC
= 22ABH for
×16 mode). These two bytes/words are given in the tables 4.1 and 4.2. All identifiers for manufacturer
and device will exhibit odd parity with DQ7 defined as the parity bit. In order to read the proper device codes
when executing the autoselect, A1 must be VIL (See Tables 4.1 and 4.2).


Similar Part No. - MBM29F400TC-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F400TC-70 SPANSION-MBM29F400TC-70 Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
MBM29F400TC-70PF SPANSION-MBM29F400TC-70PF Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
MBM29F400TC-70PFTN SPANSION-MBM29F400TC-70PFTN Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
MBM29F400TC-70PFTR SPANSION-MBM29F400TC-70PFTR Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
More results

Similar Description - MBM29F400TC-70

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com