Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5021MM-2 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5021MM-2
Description  LM5021 AC-DC Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5021MM-2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5021MM-2 Datasheet HTML 2Page - Texas Instruments LM5021MM-2 Datasheet HTML 3Page - Texas Instruments LM5021MM-2 Datasheet HTML 4Page - Texas Instruments LM5021MM-2 Datasheet HTML 5Page - Texas Instruments LM5021MM-2 Datasheet HTML 6Page - Texas Instruments LM5021MM-2 Datasheet HTML 7Page - Texas Instruments LM5021MM-2 Datasheet HTML 8Page - Texas Instruments LM5021MM-2 Datasheet HTML 9Page - Texas Instruments LM5021MM-2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1
10
100
1000
SOFTSTART CAPACITANCE (nF)
0.01
0.1
1
10
100
TEMPERATURE (
oC)
-40
0
40
80
120
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Sinking
Sourcing
0
5
10
15
20
25
0
5
10
15
20
25
VIN (V)
0
500
1000
1500
2000
OUT DRIVER LOAD (pF)
2
3
4
5
6
FS = 160 kHz
FS = 80 kHz
FS = 40 kHz
15
16
17
18
19
20
21
VIN VOLTAGE (V)
0
2
4
6
8
10
12
14
16
VIN Falling
VIN Rising
0
10
20
30
VIN (V)
0
1
2
3
LM5021
SNVS359D – MAY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: TJ = 25°C.
VIN Start-Up Current
VIN UVLO
Figure 2.
Figure 3.
VIN Current vs OUT Load
VIN Voltage Falling vs VCC Voltage
Figure 4.
Figure 5.
OUT Driver Current vs Temperature
Hiccup Mode Deadtime vs Softstart Capacitance
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5021


Similar Part No. - LM5021MM-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021MM-2 NSC-LM5021MM-2 Datasheet
746Kb / 15P
   AC-DC Current Mode PWM Controller
logo
Texas Instruments
LM5021MM-2 TI1-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI1-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
More results

Similar Description - LM5021MM-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5021MM-1 TI-LM5021MM-1 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MMX-2 TI1-LM5021MMX-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-2 TI-LM5021MM-2 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021MM-1 TI1-LM5021MM-1 Datasheet
1Mb / 23P
[Old version datasheet]   LM5021 AC-DC Current Mode PWM Controller
LM5021-Q1 TI-LM5021-Q1_15 Datasheet
4Mb / 34P
[Old version datasheet]   LM5021-Q1 AC-DC Current-Mode PWM Controller
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
   AC-DC Current Mode PWM Controller
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
   AC/DC Current Mode PWM power management controller
logo
Texas Instruments
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com