Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90P678PF Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90P678PF
Description  16-bit Proprietary Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90P678PF Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90P678PF Datasheet HTML 2Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 3Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 4Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 5Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 6Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 7Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 8Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 9Page - Fujitsu Component Limited. MB90P678PF Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
MB90670/675 Series
6
• MB90675 series
(Continued)
MB90677
MB90678
MB90T678
MB90P678
MB90V670
Classification
Mask ROM products
External ROM
product
One-time
PROM
product
Evaluation
product
ROM size
32 Kbytes
48 Kbytes
64 Kbytes
None
64 Kbytes
RAM size
1.64 Kbytes
2 Kbytes
3 Kbytes
4 Kbytes
CPU functions
The number of instructions:
Instruction bit length:
Instruction length:
Data bit length:
Minimum execution time:
Interrupt processing time:
340
8 bits, 16 bits
1 byte to 7 bytes
1 bit, 8 bits, 16 bits
62.5 ns (at machine clock of 16 MHz)
1.5
µs (at machine clock of 16 MHz, minimum value)
Ports
General-purpose I/O ports (CMOS output): 74
General-purpose I/O ports (N-ch open-drain output): 10
Total: 84
UART0
Clock synchronized transmission (500 Kbps to 2 Mbps)
Clock asynchronized transmission (4800 Kbps to 500 Kbps)
Transmission can be performed by bi-directional serial transmission or by master/slave
connection.
UART1 (SCI)
Clock synchronized transmission (500 Kbps to 2 Mbps)
Clock asynchronized transmission (2400 Kbps to 62500 bps)
Transmission can be performed by bi-directional serial transmission or by master/slave
connection.
8/10-bit A/D
converter
Conversion precision: 10-bit or 8-bit can be selectively used.
Number of inputs: 8
One-shot conversion mode (converts selected channel only once)
Continuous conversion mode (converts selected channel continuously)
Stop conversion mode (converts selected channel and stop operation repeatedly)
8/16-bit PPG timer
Number of channels: 2
PPG operation of 8-bit or 16-bit
Pulse of given intervals and given duty ratios can be output
Pulse interval 125 ns to 16.78 s (at oscillation of 4 MHz, machine clock of 16 MHz)
16-bit reload timer
Number of channels: 2
16-bit reload timer operation
Interval: 125 ns to 131 ms (at machine clock of 16 MHz)
External event count can be performed.
24-bit free-run
timer
Number of channel :1
Overflow interrupts or intermediate bit interrupts may be generated.
Output compare
(OCU)
Number of channels: 8
Pin input factor: a match signal of compare register
MB90676
Item
Part number


Similar Part No. - MB90P678PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90P678PF FUJITSU-MB90P678PF Datasheet
1Mb / 106P
   16-Bit Proprietary Microcontroller
MB90P678PFV FUJITSU-MB90P678PFV Datasheet
1Mb / 106P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90P678PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com