Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1972M Datasheet(PDF) 10 Page - Texas Instruments

Part # LM1972M
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972M Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM1972M Datasheet HTML 6Page - Texas Instruments LM1972M Datasheet HTML 7Page - Texas Instruments LM1972M Datasheet HTML 8Page - Texas Instruments LM1972M Datasheet HTML 9Page - Texas Instruments LM1972M Datasheet HTML 10Page - Texas Instruments LM1972M Datasheet HTML 11Page - Texas Instruments LM1972M Datasheet HTML 12Page - Texas Instruments LM1972M Datasheet HTML 13Page - Texas Instruments LM1972M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LM1972
SNAS094D – APRIL 1995 – REVISED MARCH 2013
www.ti.com
The mute function is obtained during power-up of the device or by sending any binary data of 01111111 and
above (to 11111111) serially to the device. The device may be placed into mute from a previous attenuation
setting by sending any of the above data. This allows the designer to place a mute button onto his system which
could cause a microcontroller to send the appropriate data to a
μPot and thus mute any or all channels. Since
this function is achieved through software, the designer has a great amount of flexibility in configuring the
system.
DC INPUTS
Although the
μPot was designed to be used as an attenuator for signals within the audio spectrum, the device is
capable of tracking an input DC voltage. The device will track DC voltages to a diode drop above each supply
rail.
One point to remember about DC tracking is that with a buffer at the output of the
μPot, the resolution of DC
tracking will depend upon the gain configuration of that output buffer and its supply voltage. It should also be
remembered that the output buffer's supply voltage does not have to be the same as the
μPot's supply voltage.
This could allow for more resolution when DC tracking.
SERIAL DATA FORMAT
The LM1972 uses a 3-wire serial communication format that is easily controlled by a microcontroller. The timing
for the 3-wire set, comprised of DATA-IN, CLOCK, and LOAD/SHIFT is shown in Figure 3. Figure 22 exhibits in
block diagram form how the digital interface controls the tap switches which select the appropriate attenuation
level. As depicted in Figure 3, the LOAD/SHIFT line is to go low at least 150 ns before the rising edge of the first
clock pulse and is to remain low throughout the transmission of each set of 16 data bits. The serial data is
comprised of 8 bits for channel selection and 8 bits for attenuation setting. For both address data and attenuation
setting data, the MSB is sent first and the 8 bits of address data are to be sent before the 8 bits of attenuation
data. Please refer to Figure 20 to confirm the serial data format transfer process.
Table 1. LM1972 Micropot Attenuator
Register Set Description
MSB:
LSB
Address Register (Byte 0)
0000 0000
Channel 1
0000 0001
Channel 2
0000 0010
Channel 3
Data Register (Byte 1)
Contents
Attenuation Level dB
0000 0000
0.0
0000 0001
0.5
0000 0010
1.0
0000 0011
1.5
: : : : :
: :
0001 1110
15.0
0001 1111
15.5
0010 0000
16.0
0010 0001
16.5
0010 0010
17.0
: : : : :
: :
0101 1110
47.0
0101 1111
47.5
0110 0000
48.0
0110 0001
49.0
0110 0010
50.0
: : : : :
: :
10
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1972


Similar Part No. - LM1972M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972M NSC-LM1972M Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972M TI1-LM1972M Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
LM1972M/NOPB TI1-LM1972M/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
LM1972MX/NOPB TI1-LM1972MX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
More results

Similar Description - LM1972M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
[Old version datasheet]   LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com