Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F200BC-90 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MBM29F200BC-90
Description  2M (256K X 8/128K X 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F200BC-90 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MBM29F200BC-90 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
MBM29F200TC-55/-70/-90/MBM29F200BC-55/-70/-90
s ORDERING INFORMATION
Standard Products
Fujitsu standard products are available in several packages. The order number is formed by a combination of:
MBM29F200
T
C
-55
PFTN
DEVICE NUMBER/DESCRIPTION
MBM29F200
2Mega-bit (256K
× 8-Bit or 128K × 16-Bit) CMOS Flash Memory
5.0 V-only Read, Write, and Erase
PACKAGE TYPE
PFTN = 48-Pin Thin Small Outline Package
(TSOP (I)) Standard Pinout
PFTR = 48-Pin Thin Small Outline Package
(TSOP (I)) Reverse Pinout
PF =
44-Pin Small Outline Package
SPEED OPTION
See Product Selector Guide
C = Device Revision
BOOT CODE SECTOR ARCHITECTURE
T = Top sector
B = Bottom sector


Similar Part No. - MBM29F200BC-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - MBM29F200BC-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
Sharp Corporation
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com