Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CP02SPXNOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # DS90CP02SPXNOPB
Description  DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP02SPXNOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90CP02SPXNOPB Datasheet HTML 3Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 4Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 5Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 6Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 7Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 8Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 9Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 10Page - Texas Instruments DS90CP02SPXNOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IN+
IN-
VOS=1.2V typical
VID
IN-
IN+
DS90CP02
www.ti.com
SNLS267 – NOVEMBER 2008
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless other specified.
Typ
Symbol
Parameter
Conditions
Min
Max
Units
(1)
tSKCC
Output Channel to Channel Skew
Difference in propagation delay (tPLHD or
tPHLD) among all output channels in
0
130
315
ps
Splitter mode (any one input to all
outputs).
tJIT
Jitter
RJ - Clock Pattern
1.4
2.5
psrms
(4)
750 MHz (5)
DJ - K28.5 Pattern
42
75
psp-p
1.5 Gbps (6)
TJ - PRBS 223-1 Pattern
93
126
psp-p
1.5 Gbps (7)
tON
LVDS Output Enable Time
Time from ENx to OUT± change from
50
110
150
ns
TRI-STATE to active.
tOFF
LVDS Output Disable Time
Time from ENx to OUT± change from
5
12
ns
active to TRI-STATE.
tSW
LVDS Switching Time
Time from configuration select (SELx) to
SELx to OUT±
new switch configuration effective for
110
150
ns
OUT±.
(4)
Jitter is not production tested, but guaranteed through characterization on a sample basis.
(5)
Random Jitter, or RJ, is measured RMS with a histogram including 1500 histogram window hits. The input voltage = VID = 500mV, 50%
duty cycle at 750MHz, tr = tf = 50ps (20% to 80%).
(6)
Deterministic Jitter, or DJ, is measured to a histogram mean with a sample size of 350 hits. The input voltage = VID = 500mV, K28.5
pattern at 1.5 Gbps, tr = tf = 50ps (20% to 80%). The K28.5 pattern is repeating bit streams of (0011111010 1100000101).
(7)
Total Jitter, or TJ, is measured peak to peak with a histogram including 3500 window hits. Stimulus and fixture jitter has been
subtracted. The input voltage = VID = 500mV, 2
23-1 PRBS pattern at 1.5 Gbps, t
r = tf = 50ps (20% to 80%).
Timing Diagrams
Figure 4. LVDS Signals
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90CP02


Similar Part No. - DS90CP02SPXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02SP/NOPB TI1-DS90CP02SP/NOPB Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results

Similar Description - DS90CP02SPXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com