Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CP04TLQXNOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90CP04TLQXNOPB
Description  DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP04TLQXNOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS90CP04TLQXNOPB Datasheet HTML 1Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 2Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 3Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 4Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 5Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 6Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 7Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 8Page - Texas Instruments DS90CP04TLQXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DS90CP04
SNLS154I – JANUARY 2002 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin
Pin
I/O, Type
Description
Name
Number
DIGITAL CONTROL INTERFACE
SCLK
6
I, LVCMOS
Control clock to latch in programming data at SI. SCLK can be 0 MHz to 100 MHz. SCLK
should be burst of clock pulses active only while accessing the device. After completion of
programming, SCLK should be kept at logic low to minimize potential noise injection into
the high-speed differential data paths.
SI / SEL1
7
I, LVCMOS
Programming data to select the switch configuration. Data is latched into the input buffer
register at the rising edge of SCLK.
SEL0
5
I, LVCMOS
Programming data to select the switch configuration.
CSO
18
O, LVCMOS
With MODE low, control data is shifted out at CSO (RSO) for cascading to the next device
RSO
2
in the serial chain. The control data at CSO (RSO) is identical to that shifted in at SI with
the exception of the device column (row) address being decremented by one internally
before propagating to the next device in the chain. CSO (RSO) is clocked out at the rising
edge of SCLK.
CSCLK
19
O, LVCMOS
With MODE low, these pins function as a buffered control clock from SCLK. CSCLK
RSCLK
3
(RSCLK) is used for cascading the serial control bus to the next device in the serial chain.
LOAD
22
I, LVCMOS
When LOAD is high and SCLK makes a LH transition, the device transfers the
programming data in the load register into the configuration registers. The new switch
configuration for all outputs takes effect. LOAD needs to remain high for only one SCLK
cycle to complete the process, holding LOAD high longer repeats the transfer to the
configuration register.
MODE
23
I, LVCMOS
When MODE is low, the SCLK is active and a buffered SCLK signal is present at the
CLKOUT output. When MODE is high, the SCLK signal is uncoupled from register and
state machine internals. Internal registers will see an active low signal until MODE is
brought Low again.
POWER
VDD
1, 8, 17,
I, Power
VDD = 2.5V ±5%. At least 4 low ESR 0.01 µF bypass capacitors should be connected from
24
VDD to GND plane.
GND
4, 20, 21,
I, Power
Ground reference to LVDS and CMOS circuitry.
DAP
DAP is the exposed metal contact at the bottom of the WQFN-32 package. The DAP is
used as the primary GND connection to the device. It should be connected to the ground
plane with at least 4 vias for optimal AC and thermal performance.
Serial Interface Truth Table
LOAD
MODE
SCLK
Resulting Action
0
0
LH
The current state on SI is clocked into the input shift register.
0
1
LH
Uncouples SCLK input from internal registers and state machine inputs. The RSCLK and
CSCLK outputs will drive an active Low signal until MODE is brought Low again. See
Configuration Select Truth Table below.
LH
0
X
Loads OUT1–OUT4 configuration information from last valid frame. Places contents of load
register into the configuration register. The switch configuration is updated asynchronously
from the SCLK input.
1
1
LH
Uncouples SCLK input from internal registers and state machine inputs. The RSCLK and
CSCLK outputs will drive an active Low signal until MODE is brought Low again. See
Configuration Select Truth Table below.
Configuration Select Truth Table
MODE
SEL1
SEL0
Resulting Action
0
X
X
The SEL0/1 pins only function in configuration select mode. See below.
1
0
0
Distribution: IN1 - OUT1 OUT2 OUT3 OUT4
1
0
1
Distribution: IN2 - OUT1 OUT2 OUT3 OUT4
1
1
0
Redundancy: IN1 - OUT1 OUT2 and IN3 - OUT3 OUT4
1
1
1
Broadside: IN1 - OUT1, IN2 - OUT2, IN3 - OUT3, IN4 - OUT4
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP04


Similar Part No. - DS90CP04TLQXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP04TLQX NSC-DS90CP04TLQX Datasheet
343Kb / 18P
   4x4 Low Power 2.5 Gb/s LVDS Digital Cross-Point
More results

Similar Description - DS90CP04TLQXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com