Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25CP102 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS25CP102
Description  DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP102 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS25CP102 Datasheet HTML 5Page - Texas Instruments DS25CP102 Datasheet HTML 6Page - Texas Instruments DS25CP102 Datasheet HTML 7Page - Texas Instruments DS25CP102 Datasheet HTML 8Page - Texas Instruments DS25CP102 Datasheet HTML 9Page - Texas Instruments DS25CP102 Datasheet HTML 10Page - Texas Instruments DS25CP102 Datasheet HTML 11Page - Texas Instruments DS25CP102 Datasheet HTML 12Page - Texas Instruments DS25CP102 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
OUT+
OUT-
DS25CP102
Receiver
IN+
IN-
100: Differential T-Line
100:
LVDS
Driver
DS25CP102
www.ti.com
SNLS262E – OCTOBER 2007 – REVISED MARCH 2013
Functional Description
The DS25CP102 is a 3.125 Gbps 2x2 LVDS digital crosspoint switch optimized for high-speed signal routing and
switching over lossy FR-4 printed circuit board backplanes and balanced cables.
Table 1. Switch Configuration Truth Table
SEL1
SEL0
OUT1
OUT0
0
0
IN0
IN0
0
1
IN0
IN1
1
0
IN1
IN0
1
1
IN1
IN1
Table 2. Output Enable Truth Table
EN1
EN0
OUT1
OUT0
0
0
Disabled
Disabled
0
1
Disabled
Enabled
1
0
Enabled
Disabled
1
1
Enabled
Enabled
In addition, the DS25CP102 has a pre-emphasis control pin for switching the transmit pre-emphasis to ON and
OFF setting and an equalization control pin for switching the receive equalization to ON and OFF setting. The
following are the transmit pre-emphasis and receive equalization truth tables.
Table 3. Transmit Pre-Emphasis Truth Table(1)
OUTPUTS OUT0 and OUT1
CONTROL Pin (PE) State
Pre-Emphasis Level
0
OFF
1
ON
(1)
Transmit Pre-Emphasis Level Selection
Table 4. Receive Equalization Truth Table(1)
INPUTS IN0 and IN1
CONTROL Pin (EQ) State
Equalization Level
0
OFF
1
ON
(1)
Receive Equalization Level Selection
Input Interfacing
The DS25CP102 accepts differential signals and allows simple AC or DC coupling. With a wide common mode
range, the DS25CP102 can be DC-coupled with all common differential drivers (i.e. LVPECL, LVDS, CML). The
following three figures illustrate typical DC-coupled interface to common differential drivers. Note that the
DS25CP102 inputs are internally terminated with a 100
Ω resistor.
Figure 10. Typical LVDS Driver DC-Coupled Interface to DS25CP102 Input
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS25CP102


Similar Part No. - DS25CP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25CP102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q_14 Datasheet
1Mb / 23P
[Old version datasheet]   DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com