Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL323BD-90 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MBM29DL323BD-90
Description  32M (4M X 8/2M X 16) BIT Dual Operation
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL323BD-90 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MBM29DL323BD-90 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL323BD-90 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MBM29DL32XTD/BD-80/90/12
2
(Continued)
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP(I) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)
57-ball FBGA (Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance
80 ns maximum access time
• Sector erase architecture
Eight 4K word and sixty-three 32K word sectors in word mode
Eight 8K byte and sixty-three 64K byte sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Hidden ROM (Hi-ROM) region
64K byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
•WP/ACC input pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
At VIH, allows removal of boot sector protection
At VACC, increases program performance
• Embedded EraseTM Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector group protection
Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector group protection command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
Temporary sector group unprotection via the RESET pin.
• In accordance with CFI (Common Flash Memory Interface)


Similar Part No. - MBM29DL323BD-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL323BE FUJITSU-MBM29DL323BE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-12PBT FUJITSU-MBM29DL323BE-12PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-12TN FUJITSU-MBM29DL323BE-12TN Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-12TR FUJITSU-MBM29DL323BE-12TR Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL323BE-80PBT FUJITSU-MBM29DL323BE-80PBT Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL323BD-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
Fujitsu Component Limit...
MBM29PDS322TE FUJITSU-MBM29PDS322TE Datasheet
694Kb / 66P
   32M (2M x 16) BIT Page Dual Operation
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29L3211 MCNIX-MX29L3211 Datasheet
659Kb / 38P
   32M-BIT [4M x 8/2M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com