Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3BT23 Datasheet(PDF) 6 Page - Texas Instruments

Part # CP3BT23
Description  CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3BT23 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CP3BT23_14 Datasheet HTML 2Page - Texas Instruments CP3BT23_14 Datasheet HTML 3Page - Texas Instruments CP3BT23_14 Datasheet HTML 4Page - Texas Instruments CP3BT23_14 Datasheet HTML 5Page - Texas Instruments CP3BT23_14 Datasheet HTML 6Page - Texas Instruments CP3BT23_14 Datasheet HTML 7Page - Texas Instruments CP3BT23_14 Datasheet HTML 8Page - Texas Instruments CP3BT23_14 Datasheet HTML 9Page - Texas Instruments CP3BT23_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 324 page
background image
CP3BT23
SNOSCX3A – JULY 2013 – REVISED JANUARY 2014
www.ti.com
3.8
CAN INTERFACE
Two CAN modules provide Full CAN 2.0B class, CAN serial bus interface for applications that require a
high-speed (up to 1 Mbits per second) or a low-speed interface with CAN bus master capability. The data
transfer between CAN and the CPU is established by 15 memory-mapped message buffers, which can be
individually configured as receive or transmit buffers. An incoming message is filtered by two masks, one
for the first 14 message buffers and another one for the 15th message buffer to provide a basic CAN path.
A priority decoder allows any buffer to have the highest or lowest transmit priority. Remote transmission
requests can be processed automatically by automatic reconfiguration to a receiver after transmission or
by automated transmit scheduling upon reception. In addition, a time stamp counter (16bits wide) is
provided to support real-time applications.
The CAN modules are fast core bus peripherals, which allow single-cycle byte or word read/write access.
A set of diagnostic features (such as loopback, listen only, and error identification) support the
development with the CAN module and provide a sophisticated error management tool.
The CAN receivers can trigger a wake-up condition out of the low-power modes through the Multi-Input
Wake-Up module.
3.9
QUAD UART
Four UART modules support a wide range of programmable baud rates and data formats, parity
generation, and several error detection schemes. The baud rate is generated onchip, under software
control. One UART channel supports hardware flow control, DMA, and USART capability (synchronous
mode).
The UARTs offer a wake-up condition from the low-power modes using the Multi-Input Wake-Up module.
3.10 ADVANCED AUDIO INTERFACE
The audio interface provides a serial synchronous, full-duplex interface to CODECs and similar serial
devices. Transmit and receive paths operate asynchronously with respect to each other. Each path uses
three signals for communication: shift clock, frame synchronization, and data.
When the receiver and transmitter use separate shift clocks and frame sync signals, the interface operates
in its asynchronous mode. Alternatively, the transmit and receive path can share the same shift clock and
frame sync signals for synchronous mode operation.
3.11 CVSD/PCM CONVERSION MODULE
The CVSD/PCM module performs conversion between CVSD data and PCM data, in which the CVSD
encoding is as defined in the Bluetooth specification and the PCM data can be 8-bit µ-Law, 8-bit A-Law, or
13-bit to 16-bit Linear.
3.12 12-BIT ANALOG TO DIGITAL CONVERTER
This device contains an 8-channel, multiplexed input, successive approximation, 12-bit Analog-to-Digital
Converter. It supports both Single Ended and Differential modes of operation. The integrated 12-bit ADC
provides the following features:
8-channel, multiplexed input
4 differential channels
Single-ended and differential external filtering capability
12-bit resolution; 11-bit accuracy
15-microsecond conversion time
Support for 4-wire touchscreen applications
External start trigger
Programmable start delay after start trigger
Poll or interrupt on done
6
Device Overview
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CP3BT23


Similar Part No. - CP3BT23_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
More results

Similar Description - CP3BT23_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
   CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
   Reprogrammable Connectivity Processor with CAN Interface
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
   CP3UB17 Reprogrammable Connectivity Processor with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com